Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68124 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL68124
Description  Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL68124 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL68124 Datasheet HTML 5Page - Intersil Corporation ISL68124 Datasheet HTML 6Page - Intersil Corporation ISL68124 Datasheet HTML 7Page - Intersil Corporation ISL68124 Datasheet HTML 8Page - Intersil Corporation ISL68124 Datasheet HTML 9Page - Intersil Corporation ISL68124 Datasheet HTML 10Page - Intersil Corporation ISL68124 Datasheet HTML 11Page - Intersil Corporation ISL68124 Datasheet HTML 12Page - Intersil Corporation ISL68124 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
ISL68137
9
FN8757.0
September 27, 2016
Submit Document Feedback
Typical Application: Phase Doubler
FIGURE 5. TYPICAL APPLICATION: PHASE DOUBLER
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
100
VOUT1
COUT
GND
0.1µF
LGCTRL
VCC
VCCS
4.7µF
TMON0
RGND0
VSEN0
SALRT
SDA
SCL
4.7µF
PWM0
CSRT0
CS0
PWM6
CSRTN6
CS6
PWM1
CSRTN1
CS1
PWM2
CSRTN2
CS2
PWM3
CSRTN3
CS3
PWM4
CSRTN4
CS4
PWM5
CSRTN5
CS5
470pF
TMON1
RGND1
VSEN1
ISL68137
PG0
EN0
PG1
EN1
1k
VINSEN
0.01µF
10k
40.2k
TWARN
CONFIG
SA
12V
3.3V
PWMIN
EN_SYNC
IOUT
VCC
CSRTNA
ISL6617A
GND
0.1µF
CSENA
PWMA
CSRTNB
CSENB
PWMB
5V
ISL99226B/7B
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
470pF
GND
0.1µF
LGCTRL
ISL99226B/7B
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
GND
0.1µF
LGCTRL
470pF
PWMIN
EN_SYNC
IOUT
VCC
CSRTNA
ISL6617A
GND
0.1µF
CSENA
PWMA
CSRTNB
CSENB
PWMB
5V
ISL99226B/7B
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
GND
0.1µF
LGCTRL
ISL99226B/7B
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
GND
0.1µF
LGCTRL
470pF
PWMIN
EN_SYNC
IOUT
VCC
CSRTNA
ISL6617A
GND
0.1µF
CSENA
PWMA
CSRTNB
CSENB
PWMB
5V
ISL99226B/7B
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
GND
0.1µF
LGCTRL
ISL99226B/7B
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
GND
0.1µF
LGCTRL
470pF
PWMIN
EN_SYNC
IOUT
VCC
CSRTNA
ISL6617A
GND
0.1µF
CSENA
PWMA
CSRTNB
CSENB
PWMB
5V
ISL99226B/7B
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
GND
0.1µF
LGCTRL
ISL99226B/7B
AVS_VDDIO
AVS_MDA
AVS_SDA
AVS_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com