Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTH10Q Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # MMBTH10Q
Description  VHF/UHF Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MMBTH10Q Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  MMBTH10Q Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MMBTH10Q Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MMBTH10Q Datasheet HTML 3Page - Yea Shin Technology Co., Ltd MMBTH10Q Datasheet HTML 4Page - Yea Shin Technology Co., Ltd MMBTH10Q Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.yeashin.com
2
REV.02 20120703
MMBTH10Q
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
hFE
120
—
—
(I C = 4.0 mAdc, V CE = 10 Vdc)
Collector–Emitter Saturation Voltage
VCE(sat)
—
—
0.5
Vdc
(I C = 4.0mAdc, I B = 0.4 mAdc)
Base–Emitter On Voltage
V BE
—
—
0.95
Vdc
(I C = 4.0mAdc, V CE = 10Vdc)
SMALL–SIGNAL CHARACTERISTICS
Current Gain–Bandwidth Product
f
T
650
—
—
MHz
(V CE = 10 Vdc, I C = 4.0mAdc, f = 100MHz)
Collector –Base Capacitance
(V CB = 10 Vdc, I E = 0, f = 1.0 MHz)
C cb
—
—
0.7
pF
Collector –Base Feedback Capacitance
(V CB = 10 Vdc, I E = 0, f = 1.0 MHz)
C rb
—
—
0.65
pF
Collector Base Time Constant
rb’ C C
—
—
9.0
ps
( I C = 4.0mAdc,V CB=10 Vdc, f = 31.8 MHz)
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com