Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4700 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4700
Description  Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4700 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4700 Datasheet HTML 7Page - National Semiconductor (TI) LM4700 Datasheet HTML 8Page - National Semiconductor (TI) LM4700 Datasheet HTML 9Page - National Semiconductor (TI) LM4700 Datasheet HTML 10Page - National Semiconductor (TI) LM4700 Datasheet HTML 11Page - National Semiconductor (TI) LM4700 Datasheet HTML 12Page - National Semiconductor (TI) LM4700 Datasheet HTML 13Page - National Semiconductor (TI) LM4700 Datasheet HTML 14Page - National Semiconductor (TI) LM4700 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Application Information (Continued)
The LM4700 possesses a mute and standby function with in-
ternal logic gates that are half-supply referenced. Thus, to
enable either the mute or standby function, the voltage at
these pins must be a minimum of 2.5V above half-supply. In
single-supply systems, devices such as microprocessors
and simple logic circuits used to control the mute and
standby functions, are usually referenced to ground, not
half-supply. Thus, to use these devices to control the logic
circuitry of the LM4700, a “level shifter”, like the one shown
in
Figure 5, must be employed. A level shifter is not needed
in
a
split-supply
configuration
since
ground
is
also
half-supply.
When the voltage at the Logic Input node is 0V, the 2N3904
is “off” and thus resistor R
C pulls up mute or standby input to
the supply. This enables the mute or standby function. When
the Logic Input is 5V, the 2N3904 is “on” and consequently,
the voltage at the collector is essentially 0V. This will disable
the mute or standby function, and thus the amplifier will be in
its normal mode of operation. R
SHIFT, along with CSHIFT, cre-
ates an RC time constant that reduces transients when the
mute or standby functions are enabled or disabled. Addition-
ally, R
SHIFT limits the current supplied by the internal logic
gates of the LM4700 which insures device reliability. Refer to
the Mute Mode and Standby Mode sections in the Applica-
tion Information section for a more detailed description of
these functions.
CLICKS AND POPS
In the typical application of the LM4700 as a split-supply au-
dio power amplifier, the IC exhibits excellent “click” and “pop”
performance when utilizing the mute and standby functions.
In addition, the device employs Under-Voltage Protection,
which eliminates unwanted power-up and power-down tran-
sients. The basis for these functions are a stable and con-
stant half-supply potential. In a split-supply application,
ground is the stable half-supply potential. But in a
single-supply application, the half-supply needs to charge up
just like the supply rail, V
CC.
This makes the task of attaining a clickless and popless
turn-on more challenging. Any uneven charging of the ampli-
fier inputs will result in output clicks and pops due to the dif-
ferential input topology of the LM4700.
To achieve a transient free power-up and power-down, the
voltage seen at the input terminals should be ideally the
same. Such a signal will be common-mode in nature, and
will be rejected by the LM4700. In
Figure 3, the resistor R
INP
serves to keep the inputs at the same potential by limiting the
voltage difference possible between the two nodes. This
should significantly reduce any type of turn-on pop, due to an
uneven charging of the amplifier inputs. This charging is
based upon a specific application loading and thus, the sys-
tem designer may need to adjust these values for optimum
performance.
As shown in
Figure 3, the resistors labeled R
BI help bias up
the LM4700 off the half-supply node at the emitter of the
2N3904. But due to the input and output coupling capacitors
in the circuit, along with the negative feedback, there are two
different values of R
BI, namely 10 kΩ and 200 kΩ. These re-
sistors bring up the inputs at the same rate resulting in a pop-
less turn-on. Adjusting these resistors values slightly may re-
duce pops resulting from power supplies that ramp
extremely quick or exhibit overshoot during system turn-on.
AUDIO POWER AMPLlFIER DESIGN
Design a 25W/8
Ω Audio Amplifier
Given:
Power Output
25 Wrms
Load Impedance
8
Ω
Input Level
1 Vrms(max)
Input Impedance
47 k
Ω
Bandwidth
20 Hz to 20 kHz ± 0.25 dB
A designer must first determine the power supply require-
ments in terms of both voltage and current needed to obtain
the specified output power. V
OPEAK can be determined from
equation (4) and I
OPEAK from equation (5).
(4)
(5)
To determine the maximum supply voltage, the following
conditions must be considered. Add the dropout voltage to
the peak output swing V
OPEAK, to get the supply rail at a cur-
rent of I
OPEAK. The regulation of the supply determines the
unloaded voltage which is usually about 15% higher. The
supply voltage will also rise 10% during high line conditions.
Therefore the maximum supply voltage is obtained from the
following equation:
Max Supplies
≈ ± (V
OPEAK +VOD) (1 + Regulation) (1.1)
For 25W of output power into an 8
Ω load, the required V
O-
PEAK
is 20V. A minimum supply rail of ±25V results from add-
ing V
OPEAK and VOD. With regulation, the maximum supplies
are ±31.7V and the required I
OPEAK is 2.5A from equation
(5). At this point it is a good idea to check the Power Output
vs Supply Voltage to ensure that the required output power is
obtainable from the device while maintaining low THD+N. In
addition, the designer should verify that with the required
power supply voltage and load impedance, that the required
heatsink value
θ
SA is feasible given system cost and size
constraints. Once the heatsink issues have been addressed,
the required gain can be determined from equation (6).
(6)
From equation (6), the minimum A
V is AV ≥ 14.14.
By selecting a gain of 21, and with a feedback resistor, R
F =
20 k
Ω, the value of R
I follows from equation (7).
R
I = RF (AV − 1)
(7)
Thus with R
J = 1kΩ a non-inverting gain of 21 will result.
Since the desired input impedance was 47 k
Ω, a value of
47 k
Ω was selected for R
IN. The final design step is to ad-
dress the bandwidth requirements which must be stated as a
pair of −3 dB frequency points. Five times away from a −3 dB
point is 0.17 dB down from passband response which is bet-
DS012369-9
FIGURE 5. Level Shift Circuit
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com