Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA1304 Datasheet(PDF) 21 Page - Cree, Inc

Part # CXA1304
Description  XLamp LED
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1304 Datasheet(HTML) 21 Page - Cree, Inc

Back Button CXA1304 Datasheet HTML 17Page - Cree, Inc CXA1304 Datasheet HTML 18Page - Cree, Inc CXA1304 Datasheet HTML 19Page - Cree, Inc CXA1304 Datasheet HTML 20Page - Cree, Inc CXA1304 Datasheet HTML 21Page - Cree, Inc CXA1304 Datasheet HTML 22Page - Cree, Inc CXA1304 Datasheet HTML 23Page - Cree, Inc CXA1304 Datasheet HTML 24Page - Cree, Inc CXA1304 Datasheet HTML 25Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
21
XLamp® CXa1304 LED
tyPiCAL sPAtiAL Distribution
perFOrmanCe GrOUps - BriGhTness (9 V, i
f = 400 ma; 18 V, if = 200 ma; 36 V, iF = 100 mA, tJ = 85 °C)
XLamp CXA1304 LEDs are tested for luminous flux and placed into one of the following bins.
group Code
Minimum Luminous flux Maximum Luminous flux
84
220
250
92
250
290
94
290
330
A2
330
355
A4
355
380
B2
380
410
B4
410
440
C2
440
475
C4
475
510
D2
510
550
D4
550
590
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com