Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXB1304 Datasheet(PDF) 7 Page - Cree, Inc

Part # CXB1304
Description  XLamp LED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1304 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXB1304 Datasheet HTML 3Page - Cree, Inc CXB1304 Datasheet HTML 4Page - Cree, Inc CXB1304 Datasheet HTML 5Page - Cree, Inc CXB1304 Datasheet HTML 6Page - Cree, Inc CXB1304 Datasheet HTML 7Page - Cree, Inc CXB1304 Datasheet HTML 8Page - Cree, Inc CXB1304 Datasheet HTML 9Page - Cree, Inc CXB1304 Datasheet HTML 10Page - Cree, Inc CXB1304 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc.. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® CXB1304 LED
Notes
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 21).
•
Cree XLamp CXB1304 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
For 80 CRI minimum LEDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LEDs, CRI R9 typical is 60.
**
Flux values @ 25 °C are calculated and for reference only.
nominal
CCt
Cri*
Minimum Luminous flux
2-step
3-step
5-step
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C** group
order Code
group
order Code
group
order Code
3500 K
80
---
B4
410
453
35H
CXB1304-0000-
000F0HB435H
35G
CXB1304-0000-
000F0HB435G
C2
440
486
CXB1304-0000-
000F0HC235H
CXB1304-0000-
000F0HC235G
90
92
A4
355
392
35H
CXB1304-0000-
000F0UA435H
35G
CXB1304-0000-
000F0UA435G
B2
380
420
CXB1304-0000-
000F0UB235H
CXB1304-0000-
000F0UB235G
3000 K
80
---
B4
410
453
30H
CXB1304-0000-
000F0HB430H
30G
CXB1304-0000-
000F0HB430G
C2
440
486
CXB1304-0000-
000F0HC230H
CXB1304-0000-
000F0HC230G
90
92
A4
355
392
30H
CXB1304-0000-
000F0UA430H
30G
CXB1304-0000-
000F0UA430G
B2
380
420
CXB1304-0000-
000F0UB230H
CXB1304-0000-
000F0UB230G
2700 K
80
---
B4
410
453
27H
CXB1304-0000-
000F0HB427H
27G
CXB1304-0000-
000F0HB427G
C2
440
486
CXB1304-0000-
000F0HC227H
CXB1304-0000-
000F0HC227G
90
92
A2
330
364
27H
CXB1304-0000-
000F0UA227H
27G
CXB1304-0000-
000F0UA227G
A4
355
392
CXB1304-0000-
000F0UA427H
CXB1304-0000-
000F0UA427G
fLuX CharaCtEristiCs, EasyWhitE® Order COdes and Bins - 18 V (i
f = 200 ma, tJ = 85 °C) - COnTinUed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com