Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXB1820 Datasheet(PDF) 7 Page - Cree, Inc

Part # CXB1820
Description  XLamp LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1820 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXB1820 Datasheet HTML 3Page - Cree, Inc CXB1820 Datasheet HTML 4Page - Cree, Inc CXB1820 Datasheet HTML 5Page - Cree, Inc CXB1820 Datasheet HTML 6Page - Cree, Inc CXB1820 Datasheet HTML 7Page - Cree, Inc CXB1820 Datasheet HTML 8Page - Cree, Inc CXB1820 Datasheet HTML 9Page - Cree, Inc CXB1820 Datasheet HTML 10Page - Cree, Inc CXB1820 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® CXB1820 LED
rELativE LuMinous fLuX
The relative luminous flux values provided below are the ratio of measurements of the CXB1820 LED at steady‑state operation at the given
conditions, divided by the flux measured during binning, which is a pulsed measurement at 550 mA at T
J = 85 °C.
For example, at steady‑state operation of Tc = 55 °C, I
F = 650 mA, the relative luminous flux ratio is 120% in the chart below. A CXB1820
LED that measures 2100 lm during binning will deliver 2520 lm (2100 * 1.2) at steady‑state operation of Tc = 55 °C, I
F = 650 mA.
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
200%
350
450
550
650
750
850
950
1050
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com