Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXB2530 Datasheet(PDF) 7 Page - Cree, Inc

Part # CXB2530
Description  XLamp LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB2530 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXB2530 Datasheet HTML 3Page - Cree, Inc CXB2530 Datasheet HTML 4Page - Cree, Inc CXB2530 Datasheet HTML 5Page - Cree, Inc CXB2530 Datasheet HTML 6Page - Cree, Inc CXB2530 Datasheet HTML 7Page - Cree, Inc CXB2530 Datasheet HTML 8Page - Cree, Inc CXB2530 Datasheet HTML 9Page - Cree, Inc CXB2530 Datasheet HTML 10Page - Cree, Inc CXB2530 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® CXB2530 LED
rELativE LuMinous fLuX vs. CurrEnt (t
J = 85 °C)
The relative luminous flux values provided below are the ratio of measurements of the CXB2530 LED at steady‑state operation at the given
conditions, divided by flux measured during binning, which is a pulsed measurement at 800 mA at T
J = 85 °C.
For example, at steady‑state operation of Tc = 25 °C, I
F = 1080 mA, the relative luminous flux ratio is 140% in the chart below. A CXB2530
LED that measures 3200 lm during binning will deliver 4480 lm (3200 * 1.4) at steady‑state operation of Tc = 25 °C, I
F = 1080 mA.
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
200%
300
560
820
1080
1340
1600
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com