Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4652TA Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4652TA
Description  LM4651 & LM4652 Overture??Audio Power Amplifier 170W Class D Audio Power Amplifier Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4652TA Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4652TA Datasheet HTML 1Page - National Semiconductor (TI) LM4652TA Datasheet HTML 2Page - National Semiconductor (TI) LM4652TA Datasheet HTML 3Page - National Semiconductor (TI) LM4652TA Datasheet HTML 4Page - National Semiconductor (TI) LM4652TA Datasheet HTML 5Page - National Semiconductor (TI) LM4652TA Datasheet HTML 6Page - National Semiconductor (TI) LM4652TA Datasheet HTML 7Page - National Semiconductor (TI) LM4652TA Datasheet HTML 8Page - National Semiconductor (TI) LM4652TA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
± 22V
Output Current (LM4652)
10A
Power Dissipation (LM4651) (Note 3)
1.5W
Power Dissipation (LM4652) (Note 3)
32W
ESD Susceptibility (LM4651) (Note 4)
2000V
LM4652 (pins 2,6,10,11)
500V
ESD Susceptibility (LM4651) (Note 5)
200V
LM4652 (pins 2,6,10,11)
100V
Junction Temperature (Note 6)
150˚C
Soldering Information
N, TA and TF Package (10 seconds)
260˚C
Storage Temperature
−40˚C to + 150˚C
Operating Ratings (Notes 1, 2)
Temperature Range
−40˚C
≤ T
A ≤ +85˚C
Supply Voltage |V
+|+|V−|
22V to 44V
Thermal Resistance
LM4651 N Package
θJA
52˚C/W
θJC
22˚C/W
LM4652 TF, TO−220 Package
θJA
43˚C/W
θJC
2.0˚C/W
LM4652 T, TO−220 Package
θJA
37˚C/W
θJC
1.0˚C/W
System Electrical Characteristics for LM4651 and LM4652 (Notes 1, 2)
The following specifications apply for +V
CC = +20V, −VEE = −20V, f SW = 125kHz, fIN = 100Hz, RL =4Ω, unless otherwise
specified. Typicals apply for T
A = 25˚C. For specific circuit values, refer to Figure 1 (Typical Audio Application Circuit).
Symbol
Parameter
Conditions
LM4651 & LM4652
Typical
Units
I
CQ
Total Quiescent Power Supply
Current
V
CIN = 0V, L O = 0mA, |IVCC+|+|IVEE−|
R
DLY =0Ω
R
DLY = 10kΩ
237
124
mA
mA
I
STBY
Standby Current
V
PIN13 = 5V, Stby: On
17
mA
A
M
Standby Attenuation
V
PIN13 = 5V, Stby: On
>115
dB
P
O
Output Power (Continuous Average)
R
L =4Ω, 1% THD
125
W
R
L =4Ω, 10% THD
155
W
R
L =8Ω, 1% THD
75
W
R
L =8Ω, 10% THD
90
W
f
SW = 75kHz, RL =4Ω, 1% THD
135
W
f
SW = 75kHz, RL =4Ω, 10% THD
170
W
η
Efficiency at P
O =5W
P
O = 5W,
R
DLY =5kΩ
55
%
η
Efficiency
(LM4651 & LM4652)
P
O = 125W, THD = 1%
85
%
Pd
Power Dissipation
(LM4651 + LM4652)
P
O = 125W, THD = 1% (max)
22
W
f
SW = 75kHz, PO = 135W,
THD = 1% (max)
22
W
THD+N
Total Harmonic Distortion Plus Noise
10W, 10Hz
≤ f
IN ≤ 500Hz, AV =18 dB
10Hz
≤ BW ≤ 80kHz
0.3
%
e
OUT
Output Noise
A Weighted, no signal, R
L =4Ω
550
µV
SNR
Signal-to-Noise Ratio
A-Wtg, P
out = 125W, RL 4Ω
92
dB
22kHz BW, P
out = 125W, RL 4Ω
89
dB
V
OS
Output Offset Voltage
V
IN = 0V, IO = 0mA, ROFFSET =0Ω
0.7
V
PSRR
Power Supply Rejection Ratio
R
L =4Ω, 10Hz ≤ BW ≤ 30kHz
+V
CCAC =−VEEAC =1VRMS,fAC = 120Hz
37
dB
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com