Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4700TF Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4700TF
Description  Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4700TF Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4700TF Datasheet HTML 1Page - National Semiconductor (TI) LM4700TF Datasheet HTML 2Page - National Semiconductor (TI) LM4700TF Datasheet HTML 3Page - National Semiconductor (TI) LM4700TF Datasheet HTML 4Page - National Semiconductor (TI) LM4700TF Datasheet HTML 5Page - National Semiconductor (TI) LM4700TF Datasheet HTML 6Page - National Semiconductor (TI) LM4700TF Datasheet HTML 7Page - National Semiconductor (TI) LM4700TF Datasheet HTML 8Page - National Semiconductor (TI) LM4700TF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM4700
Overture™ Audio Power Amplifier Series
30W Audio Power Amplifier with
Mute and Standby Modes
General Description
The LM4700 is an audio power amplifier capable of deliver-
ing typically 30W of continuous average output power into an
8
Ω load with less than 0.1% (THD + N).
The LM4700 has an independent smooth transition fade-in/
out mute and a power conserving standby mode which can
be controlled by external logic.
The performance of the LM4700, utilizing its Self Peak In-
stantaneous Temperature (˚Ke) (SPiKe™) Protection Cir-
cuitry, places it in a class above discrete and hybrid amplifi-
ers by providing an inherently, dynamically protected Safe
Operating Area (SOA). SPiKe Protection means that these
parts are completely safeguarded at the output against over-
voltage, undervoltage, overloads, including thermal runaway
and instantaneous temperature peaks.
Key Specifications
n THD+N at 1 kHz at continuous average output power of
25W into 8
Ω:
0.1% (max)
n THD+N from 20 Hz to 20 kHz at 30W of continuous
average output power into 8
Ω:
0.08% (typ)
n Standby current:
2.1 mA (typ)
Features
n SPiKe Protection
n Minimal amount of external components necessary
n Quiet fade-in/out mute function
n Power conserving standby-mode
n Isolated 11-lead TO-220 package
Applications
n Component stereo
n Compact stereo
Typical Application
Connection Diagram
SPiKe™ Protection and Overture™ are trademarks of National Semiconductor Corporation.
DS012369-1
*Optional components dependent upon specific design requirements. Refer
to the External Components Description section for a component functional
description.
FIGURE 1. Typical Audio Amplifier Application Circuit
Isolated Plastic Package
DS012369-2
Top View
Order Number LM4700TF
See NS Package Number TF11B
March 1998
© 1999 National Semiconductor Corporation
DS012369
www.national.com


Similar Part No. - LM4700TF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4701 NSC-LM4701 Datasheet
541Kb / 15P
LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4701T NSC-LM4701T Datasheet
541Kb / 15P
LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4702 NSC-LM4702 Datasheet
824Kb / 15P
LM4702 Overture Audio Power Amplifier Series Stereo High Fidelity 200 Volt* Driver with Mute
LM4702A NSC-LM4702A Datasheet
824Kb / 15P
LM4702 Overture Audio Power Amplifier Series Stereo High Fidelity 200 Volt* Driver with Mute
LM4702B NSC-LM4702B Datasheet
824Kb / 15P
LM4702 Overture Audio Power Amplifier Series Stereo High Fidelity 200 Volt* Driver with Mute
More results

Similar Description - LM4700TF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4701 NSC-LM4701 Datasheet
541Kb / 15P
LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4765 NSC-LM4765 Datasheet
536Kb / 15P
Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4781 NSC-LM4781 Datasheet
1Mb / 25P
Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
LM4730 NSC-LM4730 Datasheet
643Kb / 17P
Stereo 14W Audio Power Amplifier with Mute and Standby Modes
LM1876 NSC-LM1876_03 Datasheet
696Kb / 20P
Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4782 NSC-LM4782_06 Datasheet
1Mb / 27P
Overture Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
Texas Instruments
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4765 TI1-LM4765 Datasheet
817Kb / 24P
LM4765 Overture??Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com