Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT-E-HV Datasheet(PDF) 7 Page - Cree, Inc

Part # XT-E-HV
Description  XLamp XT-E High-Voltage White LEDs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XT-E-HV Datasheet(HTML) 7 Page - Cree, Inc

Back Button XT-E-HV Datasheet HTML 3Page - Cree, Inc XT-E-HV Datasheet HTML 4Page - Cree, Inc XT-E-HV Datasheet HTML 5Page - Cree, Inc XT-E-HV Datasheet HTML 6Page - Cree, Inc XT-E-HV Datasheet HTML 7Page - Cree, Inc XT-E-HV Datasheet HTML 8Page - Cree, Inc XT-E-HV Datasheet HTML 9Page - Cree, Inc XT-E-HV Datasheet HTML 10Page - Cree, Inc XT-E-HV Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® XT-E HVW LED
Notes:
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 22).
•
Cree XLamp XT‑E HVW LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the
minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity or DWL bin restrictions specified by
the order code.
*
Flux values at 25 °C are calculated and for reference only.
Chromaticity
Minimum luminous Flux (lm)
@ 22 ma
order Codes
Kit
CCT
Code
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
no Minimum Cri
75 Cri typical
82 Cri typical
80 Cri Minimum
F7
3250 K
Q5
107
122
XTEHVW‑Q0‑0000‑
00000LDF7
XTEHVW‑Q0‑0000‑
00000HDF7
Q4
100
114
XTEHVW‑Q0‑0000‑
00000LCF7
XTEHVW‑Q0‑0000‑
00000HCF7
Q3
93.9
107
XTEHVW‑Q0‑0000‑
00000LBF7
XTEHVW‑Q0‑0000‑
00000HBF7
Q2
87.4
100
XTEHVW‑Q0‑0000‑
00000LAF7
XTEHVW‑Q0‑0000‑
00000HAF7
P4
80.6
91.9
XTEHVW‑Q0‑0000‑
00000L9F7
XTEHVW‑Q0‑0000‑
00000H9F7
P3
73.9
84.3
XTEHVW‑Q0‑0000‑
00000L8F7
XTEHVW‑Q0‑0000‑
00000H8F7
E7
3000 K
Q5
107
122
XTEHVW‑Q0‑0000‑
00000LDE7
XTEHVW‑Q0‑0000‑
00000HDE7
Q4
100
114
XTEHVW‑Q0‑0000‑
00000LCE7
XTEHVW‑Q0‑0000‑
00000HCE7
Q3
93.9
107
XTEHVW‑Q0‑0000‑
00000LBE7
XTEHVW‑Q0‑0000‑
00000HBE7
Q2
87.4
100
XTEHVW‑Q0‑0000‑
00000LAE7
XTEHVW‑Q0‑0000‑
00000HAE7
P4
80.6
91.9
XTEHVW‑Q0‑0000‑
00000L9E7
XTEHVW‑Q0‑0000‑
00000H9E7
P3
73.9
84.3
XTEHVW‑Q0‑0000‑
00000L8E7
XTEHVW‑Q0‑0000‑
00000H8E7
F8
2850 K
Q4
100
114
XTEHVW‑Q0‑0000‑
00000LCF8
XTEHVW‑Q0‑0000‑
00000HCF8
Q3
93.9
107
XTEHVW‑Q0‑0000‑
00000LBF8
XTEHVW‑Q0‑0000‑
00000HBF8
Q2
87.4
100
XTEHVW‑Q0‑0000‑
00000LAF8
XTEHVW‑Q0‑0000‑
00000HAF8
P4
80.6
91.9
XTEHVW‑Q0‑0000‑
00000L9F8
XTEHVW‑Q0‑0000‑
00000H9F8
P3
73.9
84.3
XTEHVW‑Q0‑0000‑
00000L8F8
XTEHVW‑Q0‑0000‑
00000H8F8
P2
67.2
76.7
XTEHVW‑Q0‑0000‑
00000L7F8
XTEHVW‑Q0‑0000‑
00000H7F8
Flux CharaCteristiCs - (22 mA, T
J = 85 °C) - Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com