Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4752 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4752
Description  Stereo 11W Audio Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4752 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4752 Datasheet HTML 9Page - National Semiconductor (TI) LM4752 Datasheet HTML 10Page - National Semiconductor (TI) LM4752 Datasheet HTML 11Page - National Semiconductor (TI) LM4752 Datasheet HTML 12Page - National Semiconductor (TI) LM4752 Datasheet HTML 13Page - National Semiconductor (TI) LM4752 Datasheet HTML 14Page - National Semiconductor (TI) LM4752 Datasheet HTML 15Page - National Semiconductor (TI) LM4752 Datasheet HTML 16Page - National Semiconductor (TI) LM4752 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Application Information (Continued)
TO-263 HEATSINK DESIGN EXAMPLES:
Example 1: (Stereo Single-Ended Output)
Given:
T
A=30˚C
T
J=150˚C
R
L=4Ω
V
S=12V
θ
JC=2˚C/W
P
DMAX from PD vs PO Graph:
P
DMAX ≈ 3.7W
Calculating P
DMAX:
P
DMAX = VCC
2 /(
π2R
L) = (12V)
2 /
π2(4Ω)) = 3.65W
Calculating Heatsink Thermal Resistance:
θ
SA < [(T J −TA)/PDMAX]− θJC − θCS
θ
SA < 120˚C / 3.7W − 2.0˚C/W − 0.2˚C/W = 30.2˚C/W
Therefore the recommendation is to use 1.5 x 1.5 square
inch of single-sided copper clad.
Example 2: (Stereo Single-Ended Output)
Given:
T
A=50˚C
T
J=150˚C
R
L=4Ω
V
S=12V
θ
JC=2˚C/W
P
DMAX from PD vs PO Graph:
P
DMAX ≈ 3.7W
Calculating P
DMAX:
P
DMAX = VCC
2 /(
π2R
L) = (12V)
2 /(
π2(4Ω)) = 3.65W
Calculating Heatsink Thermal Resistance:
θ
SA < [(TJ −TA)/PDMAX]− θJC − θCS
θ
SA < 100˚C / 3.7W − 2.0˚C/W − 0.2˚C/W = 24.8˚C/W
Therefore the recommendation is to use 2.0 x 2.0 square
inch of single-sided copper clad.
Example 3: (Bridged Output)
Given:
T
A=50˚C
T
J=150˚C
R
L=8Ω
V
S=12V
θ
JC=2˚C/W
Calculating P
DMAX:
P
DMAX = 4[VCC
2 /(2
π2R
L)] = 4(12V)
2 /(2
π2(8Ω)) = 3.65W
Calculating Heatsink Thermal Resistance:
θ
SA < [(TJ −TA)/PDMAX]− θJC − θCS
θ
SA < 100˚C / 3.7W − 2.0˚C/W − 0.2˚C/W = 24.8˚C/W
Therefore the recommendation is to use 2.0 x 2.0 square
inch of single-sided copper clad.
Layout and Ground Returns
Proper PC board layout is essential for good circuit perfor-
mance. When laying out a PC board for an audio power am-
plifer, particular attention must be paid to the routing of the
output signal ground returns relative to the input signal and
bias capacitor grounds. To prevent any ground loops, the
ground returns for the output signals should be routed sepa-
rately and brought together at the supply ground. The input
signal grounds and the bias capacitor ground line should
also be routed separately. The 0.1 µF high frequency supply
bypass capacitor should be placed as close as possible to
the IC.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com