Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W23 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # W23
Description  0.5 amp to 50 amp ratings may be used as on/off switch.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

W23 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  W23 Datasheet HTML 1Page - TE Connectivity Ltd W23 Datasheet HTML 2Page - TE Connectivity Ltd W23 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
118
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 12-08)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
W23 Outline Dimensions
Hex Nut
(55-001D - Silver Color)
.085
(2.16)
.545 – .567
(13.84 – 14.40)
Lockwasher
(88-006B - Silver Color)
ALTERNATE TEETH TWISTED
IN OPPOSITE DIRECTIONS
.018
(.46)
.562
(14.27)
Knurled Nut
(55-008A - Silver Color)
.078
(1.98)
STRAIGHT KNURL
.562
(14.27)
Suggested Mounting Holes
.375-.386
(9.53-9.80)
Mounting Hardware
5
Terminal Style 1
RESET BUTTON IN “ON” POSITION
WHITE INDICATOR NOT VISIBLE
3/8-24 THREADED BUSHING
1.384
(35.15)
.690
(17.53)
AMP RATING
.315 Dia.
(8.00)
.570
(14.48)
.388
(9.86)
1.600
(40.64)
1.890
(48.01)
2.035
(51.69)
.046
(1.17)
.46
(11.7)
.56
(14.2)
#8-32 SCREWS
WITH WASHERS
.250
(6.35)
45°
.046
(1.17)
0.9
(2.29)
.56
(14.22)
45°
Terminal Style 3
All dimensions are given as
inches
(mm)
.03
(.76)
MAX.
ALTERNATE TEETH TWISTED
IN OPPOSITE DIRECTIONS
.018
(.46)
.600
(15.24)
.125
(3.18)
STRAIGHT KNURL
.635
(16.13)
.470
(11.94)
.470
(11.94)
.385
(9.78)
5
1.384
(35.15)
.690
(17.53)
AMP RATING
.380
(9.65)
ANTI-ROTATION
FLATS
15/32-32 THREADED BUSHING
.335
(8.51)
.46
(11.7)
#8-32 SCREWS
WITH WASHERS
45°
.625
(15.88)
30°
REF.
1.600
(40.64)
2.035
(51.69)
“ON”
POSITION
“OFF”
POSITION
.56
(14.2)
.046
(1.17)
.046
(1.17)
.56
(14.2)
.09
(2.3)
45°
Mounting Hardware
Terminal Style 1
Suggested Mounting Holes
Terminal Style 5
Lockwasher
(88-002B - Silver Color)
Knurled Nut
(55-010B - Silver Color)
.03 MAX
(.76)
Hex Nut
(55-001B - Silver Color)
.078
(1.98)
.545 – .567
(13.84 – 14.40)
W31 Outline Dimensions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com