Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2002GEFL/V Datasheet(PDF) 4 Page - TDK Electronics

Part # WM2002GEFL/V
Description  Stereo Headphone Driver with Wolfson
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

WM2002GEFL/V Datasheet(HTML) 4 Page - TDK Electronics

  WM2002GEFL/V Datasheet HTML 1Page - TDK Electronics WM2002GEFL/V Datasheet HTML 2Page - TDK Electronics WM2002GEFL/V Datasheet HTML 3Page - TDK Electronics WM2002GEFL/V Datasheet HTML 4Page - TDK Electronics WM2002GEFL/V Datasheet HTML 5Page - TDK Electronics WM2002GEFL/V Datasheet HTML 6Page - TDK Electronics WM2002GEFL/V Datasheet HTML 7Page - TDK Electronics WM2002GEFL/V Datasheet HTML 8Page - TDK Electronics WM2002GEFL/V Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
WM2002
Product Brief
w
Product Brief, September 2013, Rev 4.1
4
PIN DESCRIPTION
A description of each pin on the WM2002 is provided below.
Note that, where multiple pins share a common name (eg. DGND), these pins should be tied together on the PCB.
PIN
NAME
TYPE
DESCRIPTION
1
LED
Analogue Output
Status LED output
2
DGND
Supply
Digital supplies ground
3
MON
Digital Input
Digital control input (changes ANC filter characteristics, selects mute
or talk-through mode)
4
ADDR
Digital Input
Control interface address select
5
SDA
Digital Input/Output
Control interface data input / output
6
SCLK
Digital Input
Control interface clock input
7
LDO1VDD
Supply
LDO1 supply input
8
LDO1VOUT
Analogue Output /
Supply
LDO1 output / Digital core supply
9
MICVDD
Supply
MICBIAS supply input
10
MICBIAS
Analogue Output
Bias supply for external microphones
11
LDO3VOUT
Analogue Output /
Supply
LDO3 output / Analogue supply
12
AGND
Supply
Analogue supplies ground
13
MICLN
Analogue Input
Left channel inverting analogue noise cancelling mic input
14
MICLP
Analogue Input
Left channel non-inverting analogue noise cancelling mic input
15
MICRP
Analogue Input
Right channel non-inverting analogue noise cancelling mic input
16
MICRN
Analogue Input
Right channel inverting analogue noise cancelling mic input
17
INLP
Analogue Input
Left channel non-inverting differential line input
18
INLN
Analogue Input
Left channel inverting differential line input
(can be grounded for single-ended operation)
19
INRN
Analogue Input
Right channel inverting differential line input
(can be grounded for single-ended operation)
20
INRP
Analogue Input
Right channel non-inverting differential line input
21
VMIDC
Analogue I/O
Midrail voltage capacitor connection point
22
LDO4VOUT
Analogue Output /
Supply
LDO4 output / Headphone driver supply
23
HPOUTLP
Analogue Output
Left headphone non-inverting output
24
HPOUTLN
Analogue Output
Left headphone inverting output
25
HPGND
Supply
Headphone driver ground
26
HPOUTRN
Analogue Output
Right headphone inverting output
27
HPOUTRP
Analogue Output
Right headphone non-inverting output
28
CPVOUT
Analogue Output
Charge pump output
29
BATTVDD
Supply
DC1 boost converter supply input / Battery supply
30
CFB2
Analogue I/O
Charge pump flyback capacitor connection
31
CFB1
Analogue I/O
Charge pump flyback capacitor connection
32
CPGND
Supply
Charge pump ground
33
DC1LX
Analogue I/O
DC1 boost converter inductor connection pin
34
DC1VOUT
Analogue Output
DC1 boost converter output
35
SYSVDD
Supply
System supply input
36
XTO
Analogue Output
Crystal drive output
37
XTI
Analogue Input
Crystal drive input or CMOS clock input
38
DGND
Supply
Digital supplies ground
39
PROGVDD
Supply
OTP Memory programming supply - normally tied to DGND
40
LDO2VOUT
Analogue Output /
Supply
LDO2 output / OTP memory supply
41
VREFC
Analogue I/O
Voltage reference capacitor connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com