Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1752938-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1752938-2
Description  Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1752938-2 Datasheet(HTML) 2 Page - Tyco Electronics

  1752938-2 Datasheet HTML 1Page - Tyco Electronics 1752938-2 Datasheet HTML 2Page - Tyco Electronics 1752938-2 Datasheet HTML 3Page - Tyco Electronics 1752938-2 Datasheet HTML 4Page - Tyco Electronics 1752938-2 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
408- 10002
SDE- SA Hand Tool Assembly 1752938- 1
Rev C
2
of 5
Tyco Electronics Corporation
2. Place the wire anvil and insulation anvil so that
their chamfered sides and their marked surfaces
face outward, when mounted in the moving jaw of
the tool frame.
3. Insert the two die retaining pins.
4. Insert the short die retaining screw through the
jaw and through both anvil dies, and tighten the
screw just enough to hold the dies in place. Do not
tighten the screw completely at this time.
5. Place the wire crimper and insulation crimper so
that their chamfered sides and their marked
surfaces face outward, when mounted in the
stationary jaw of the tool frame.
6. Insert the two die retaining pins.
7. Insert the long die retaining screw through the
jaw and through both crimper dies, and tighten the
screw just enough to hold the dies in place. Do not
tighten the screw completely at this time.
8. Carefully close the tool handles, making sure
that the anvils and crimpers align properly.
Continue closing the tool handles until the ratchet
in the tool frame has engaged sufficiently to hold
the anvils and crimpers in place, then tighten both
die retaining screws.
9. Place the locator assembly over the end of the
long screw, and position the locator assembly
against the side of the tool jaw.
10. Place the nut onto the end of the long screw
and tighten the nut enough to hold the locator
assembly in place, while still allowing the locator to
slide up and down.
11. To disassemble, close the tool handles until the
ratchet releases, remove the nut, the locator
assembly, the two die retaining screws, and the
four die retaining pins, and slide the anvils and
crimpers out of the tool jaws.
The ratchet has detents with audible “clicks” as
the handles are closed. The ratchet releases on
the sixth “click”.
4. CONTACT SUPPORT ADJUSTMENT (Figure 2)
The contact support is preset prior to shipment,
but minor adjustment may be necessary.
1. Make a sample crimp and determine if the
contact is straight, bending upward, or bending
downward.
2. If adjustment is required, loosen the screw that
holds the contact support onto the locator
assembly.
3. Place a contact with wire into the proper nest
and close the tool handles until the ratchet reaches
the sixth click, or until the contact support touches
the contact.
4. Slightly loosen the nut that holds the locator
assembly onto the tool frame.
5. Move the contact support as required to
eliminate the bending of the contact.
6. Tighten the nut and close the handles until the
ratchet releases.
7. Remove and inspect the contact.
Figure 2
Contact
(Typ)
Strip Length
Wire Inserted
to Stop
Locator in
Wire Stop
Slot
Wire
Adjustment
Screw
for Contact
Support
Contact Support
Locator
Back of Tool
(Wire Side)
NOTE
i
NOTE
i



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com