Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39207 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 39207
Description  Reasons for reissue are provided in Section 8, REVISION SUMMARY.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

39207 Datasheet(HTML) 2 Page - Tyco Electronics

  39207 Datasheet HTML 1Page - Tyco Electronics 39207 Datasheet HTML 2Page - Tyco Electronics 39207 Datasheet HTML 3Page - Tyco Electronics 39207 Datasheet HTML 4Page - Tyco Electronics 39207 Datasheet HTML 5Page - Tyco Electronics 39207 Datasheet HTML 6Page - Tyco Electronics 39207 Datasheet HTML 7Page - Tyco Electronics 39207 Datasheet HTML 8Page - Tyco Electronics 39207 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
408- 10029
PIDG and PLASTI- GRIP Terminal and Splice Crimping Heads
Rev B
2
of 9
Tyco Electronics Corporation
PLASTI--GRIP
Terminal
PIDG Type
Terminal
PIDG Butt Splice
3 Equally Spaced Stripes on
Nylon Insulation Restricting
CRIMPING
DOT
WIRE SIZE
TERMINAL/SPLICE
WIRE STRIP LENGTH
PRODUCT
CRIMPING
HEAD
DOT
CODE
WIRE SIZE
RANGE
TERMINAL/SPLICE
INSULATION
TERMINALS
SPLICES
PRODUCT
HEAD
CODE
RANGE
(AWG)
INSULATION
COLOR CODE
Min.
Max.
Min.
Max.
PIDG
Terminals and Splices
1--46121--0
1Dot
26--22
Yellow
3.97
[.156]
4.78
[.188]
4.37
[.172]
5.16
[.203]
PIDG
Terminals and Splices
and
1--47386--0
1--47386--4
1--525690--0
1Dot
22--16
(Commercial)
Red
5.16
[.203]
5.94
[.234]
6.35
[.250]
7.14
[.281]
and
PLASTI--GRIP
Terminals
1--47387--0
1--47387--7
1--525691--0
2Dots
16--14
Blue
5.16
[.203]
5.94
[.234]
6.35
[.250]
7.14
[.281]
PRODUCT
CRIMPING
HEAD
DOT
CODE
WIRE SIZE
RANGE
INSULATION
DIAMETER RANGE
TERMINAL/SPLICE
INSULATION
WIRE STRIP
LENGTH
PRODUCT
HEAD
CODE
RANGE
(AWG)
DIAMETER RANGE
INSULATION
COLOR CODE
Min.
Max.
26
0.66--1.40
Yellow with Black
4.75
5.56
1 46121 0
1 Dot
26
0.66 1.40
[.026--.055]
Yellow with Black
Stripe
4.75
[.187]
5.56
[.219]
1--46121--0
1 Dot
24
0.79--1.40
[.031--.055]
Yellow with Blue
Stripe
24
0.79--1.40
[.031--.055]
Yellow with Blue
Stripe
PIDG Nylon
Insulation
1--47386--0
1 47386 4
1 Dot
22
0.97--2.79
[.038--.110]
RedwithGreen
Stripe
Insulation
Restricting Terminals
1--47386--4
1--525690--0
1 Dot
20
1.17--2.79
[.046--.110]
RedwithRed
Stripe
6.35
[.250]
7.14
[.281]
18
1.42--2.79
[.056--.110]
RedwithWhite
Stripe
[.250]
[.281]
1--47387--0
1 47387 7
2 Dots
16
1.60--3.30
[.063--.130]
Blue with Blue
Stripe
1--47387--7
1--525691--0
2 Dots
14
1.98--3.30
[.078--.130]
Blue with Green
Stripe
NOTE: Refer to Tyco Electronics Catalog 82042 for product part numbers.
Figure 2
3. HEAD INSTALLATION AND REMOVAL
3.1. Head Selection
The crimping heads are coded to match the terminal
and splice insulation color. Observe the embossed
dots on the insulation of finished crimps to ensure that
the correct combination of terminal or splice and head
was used. See Figure 2.
Crimping heads are coated with a preservative to
prevent rust and corrosion. Wipe this preservative
from the head, particularly from the crimping
surfaces.
3.2. Installation
To avoid personal injury, be sure to exercise
extreme caution when handling the crimp tool.
Avoid accidentally depressing the trigger control
when installing or removing crimp heads.
DO NOT operate the battery tool without the
proper crimping head installed. After crimping
head is installed, make sure that the quick pins
are properly inserted to avoid personal injury and
damage to the tool.
NOTE
i
DANGER
DANGER



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com