Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

314489--1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 314489--1
Description  Feed- Through Head Assembly
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

314489--1 Datasheet(HTML) 2 Page - Tyco Electronics

  314489--1 Datasheet HTML 1Page - Tyco Electronics 314489--1 Datasheet HTML 2Page - Tyco Electronics 314489--1 Datasheet HTML 3Page - Tyco Electronics 314489--1 Datasheet HTML 4Page - Tyco Electronics 314489--1 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
408- 9607
Feed- Through Head Assembly 58443- 1
Rev C
2
of 5
Tyco Electronics Corporation
2. After making the test crimp, depress the locating
pawl and push the receptacle out of the RIGHT
side of the head.
3. Inspect the termination according to Section 5.
If necessary, make the following adjustment:
— For the manual handle assembly or electric
power unit, if the wire is inserted too deep or not
deep enough in the contact slot, adjust the wire
insertion depth according to Paragraph 3.3. Then,
repeat the termination procedure and inspection.
— For the pistol grip pneumatic handle assembly
or pneumatic power bench assembly, if the wire is
inserted too deep in the contact slot, adjust the
wire insertion depth according to Paragraph 3.3.
If the wire is not inserted deep enough in the
contact slot, increase the air pressure by 69 kPa
[10 psi], and repeat the termination and inspection
procedure until either the proper insertion depth is
obtained or the air pressure is set to 483 kPa
[70 psi]. If the proper insertion depth is not reached
at 483 kPa [70 psi], return the air pressure to
276 kPa [40 psi], and adjust the wire insertion
depth according to Paragraph 3.3. Then, repeat
the termination procedure and inspection.
3.2. Insert Housing Adjustment
If the receptacle cannot be inserted into the head, or
if the receptacle is too loose in the head, loosen the
two screws on the insert housing, and adjust the
insert housing until the receptacle fits properly in the
head.
3.3. Wire Insertion Depth Adjustment
1. Remove the head from the tool.
2. If the wire is inserted too deep, turn the rod
inserter adjuster clockwise one--sixth of a
revolution (the wire insertion depth will be
decreased by approximately 0.20 mm [.008 in.]).
If the wire is not inserted deep enough, turn the rod
inserter adjuster counterclockwise one--sixth of a
revolution (the wire insertion depth will be
increased by approximately 0.20 mm [.008 in.]).
Refer toFigure4.
4. TERMINATION PROCEDURE
1. Determine the wire size and select the
appropriate receptacle (receptacles are
color--coded according to wire size).
2. Install the head onto the tool according to the
instructions packaged with the tool.
3. Refer to Figure 2, and:
— for the electric power unit, insert the receptacle
into the LEFT side of head (in the direction of the
arrow) until the first contact aligns with the wire
inserter.
— for the manual handle assembly, pistol grip
pneumatic handle assembly, and pneumatic power
bench assembly, depress and hold the trigger or
foot pedal (the wire inserter should extend), and
insert the receptacle into the LEFT side of head (in
Figure 2
Locating
Pawl
Wire Sub--Assembly
Retainer
Feed Slide
Pistol Grip Manual
Handle Assembly
(Ref)
Left Side of Head
Index Ribs of
Receptacle
Discrete Wires
Receptacle
Funnel
Area
Wire Inserter
(Hidden)
Retainer
Latch



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com