Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMOC3082H Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KMOC3082H
Description  5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3082H Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KMOC3082H Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3082H Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3082H Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3082H Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3082H Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3082H Datasheet HTML 6Page - COSMO  Electronics Corporation KMOC3082H Datasheet HTML 7Page - COSMO  Electronics Corporation KMOC3082H Datasheet HTML 8Page - COSMO  Electronics Corporation KMOC3082H Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P42003.2
- 2 -
http://www.cosmo-ic.com
cosmo
KMOC308X Series
5PIN ZERO-CROSS TRIAC DRIVER
PHOTOCOUPLER
 Outside Dimension
Unit:mm
6.50
7.62
0.25
o
13.00
2.54
o
13.00
7.30
1.20
5.08
0.50
0
~10°
7.30
5.08
1.20
2.54
6 .5 0
0 .2 5
7 .3 0
1.2 0
0 .5 0
2 .5 4
5 .0 8
7 .6 2
10 .16 ± 0 .5 0
7.30
10.00±0.4
1.00
6.50
7.62
0~10°
1.20
2.54
2.54
KMOC3083
KMOC3083S
KMOC3083L
KMOC3083H
TOLERANCE
:±0.2mm
1. Dual-in-line type.
2. Surface mount type.
4. Long creepage distance
for surface mount type.
3. Long creepage distance type.
 Device Marking
cosmo
3083
YWW
Notes:
cosmo
3081、3082、3083
YWW
Y:Year code / W:Week code



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com