Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3902 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # 2N3902
Description  NPN High Power Silicon Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N3902 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  2N3902 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N3902 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N3902 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2N3902 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN High Power Silicon Transistors
Rev. V1
2N3902 & 2N5157
2
2
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Characteristics
Parameter
Test Conditions
Symbol Units
Min.
Max.
Switching Characteristics
Turn-On Time
VCC = 125 Vdc; IC = 1.0 Adc;
IB1 = 0.1 Adc
TON
µs
0.8
Turn-Off Time
VCC = 125 Vdc; IC = 1.0 Adc;
IB1 = 0.1 Adc, -IB2 = 0.50 Adc
TOFF
µs
1.7
Safe Operating Area
DC Tests:
TC = +25°C, I Cycle, t = 1.0 s (see Fig. 3 of MIL-PRF-19500/371)
Test 1:
VCE = 28.6 Vdc, IC = 3.5 Adc
Test 2:
VCE = 70 Vdc, IC = 1.43 Adc
Test 3:
VCE = 325 Vdc, IC = 55 mAdc, 2N3902
VCE = 400 Vdc, IC = 35 mAdc, 2N5157
Switching Tests:
Load Condition C (unclamped inductive load): TC = +25°C, duty cycle <10%; RS = 0.1 Ω (See Fig. 4 of MIL-PRF-19500/371)
Test 1:
tP = approximately 3 ms (vary to obtain IC), RBB1 = 20 Ω, VBB1 = 10 Vdc; RBB2 = 3 kΩ,
VBB2 = 1.5 Vdc, VCC = 50 Vdc, lC = 3.5 Adc, L = 60 mH, R = 3 Ω; RL <14 Ω
Test 2:
tP = approximately 3 ms (vary to obtain IC), RBB1 = 100 Ω, VBB1 = 10 Vdc; RBB2 = 3 kΩ,
VBB2 = 1.5 Vdc, lC = 0.6 Adc, VCC = 50 Vdc, L = 200 mH, R = 8 Ω; RL <83 Ω
Load Condition (clamped inductive load): TC = +25°C, duty cycle <10% (See Fig. 5 of MIL-PRF-19500/371)
Test 1:
tP = approximately 30 ms (vary to obtain IC), RS = 0.1 Ω, RBB1 = 20 Ω, VBB1 = 10 Vdc;
RBB2 = 100 Ω, VBB2 = 1.5 Vdc, VCC = 50 Vdc, lC = 3.5 Adc, L = 60 mH, R = 3 Ω; RL <0 Ω
(A suitable clamping circuit or diode can be used.)
Clamp Voltage = 400 +0, -5 Vdc
2N3902
Clamp Voltage = 500 +0, -5 Vdc
2N5157
(Clamped voltage must be reached)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com