Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5608N Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC5608N
Description  Extremely Low Static Current Draw
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5608N Datasheet(HTML) 2 Page - IXYS Corporation

  CPC5608N Datasheet HTML 1Page - IXYS Corporation CPC5608N Datasheet HTML 2Page - IXYS Corporation CPC5608N Datasheet HTML 3Page - IXYS Corporation CPC5608N Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R01
CPC5608
Pin #
Name
Description
1V
CC
Supply Voltage
2
INPUT
Logic Input
3
GND
Ground
4NO
2
Output, Active* with INPUT = 1
5NO
1
Output, Active* with INPUT = 1
6NC
3
Output, Active* with INPUT = 0
7NC
2
Output, Active* with INPUT = 0
8NC
1
Output, Active* with INPUT = 0
* Active = Low Impedance
Parameter
Min
Max
Unit
Operating Temperature
0
70
°C
Storage Temperature
-55
+125
°C
Positive Supply Voltage
-0.5
7
V
Max Power Dissipation
-
0.33
W
Package Thermal Conduction
(Estimate)
-
165
°C/W
Output Voltage (ONX)
-0.5
7
V
1.0 Specifications
1.1 Pin Description
1.2 Absolute Maximum Ratings @ 25°C
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional
operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied.
1.3 Electrical Characteristics
Unless otherwise specified, minimum and maximum values are guaranteed by production testing requirements.
Typical values are characteristic of the device and are the result of engineering evaluations. In addition, typical
values are provided for informational purposes only and are not part of the testing requirements.
All electrical specifications are provided for T
A=25°C and 3.0V < VCC < 5.5V.
1.3.1 Electrical Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Input Parameters
Logic "1" Voltage
V
CC = 2.8V, VCC = 3.5V
V
IH
2.4
-
-
V
Logic "0" Voltage
V
CC = 2.8V, VCC = 3.5V
V
IL
-
-
0.8
V
Logic "1" Current
V
CC = 3.5V, VIN = 2.4V
I
IH
-
2.6
20
A
Logic "0" Current
V
CC = 3.5V, VIN = 0.4V
I
IL
-
0.4
2
A
Output Parameters
Output Leakage Current
V
CC = 3.0V, VSW = 6.0V
Switch Off
I
LKG
-
0.3
1
A
Output Resistance
V
CC = 2.8V, VCC = 3.2V
Switch On
R
ON
510
15
Maximum Output Current
V
CC = 3.0V, VOUT = 2.0V
Switch On
I
OUT
50
-
-
mA
Power Supply
Operational Range
-
V
CC
2.5
3.0
5.5
V
Quiescent Power Supply Current
V
CC = 5.5V,
V
IN = 0.0V, VIN = 5.5V
I
CC
-
2
100
nA
Timing
Turn-On Time
V
CC = 3.0V
t
on
-1
3
s
Turn-Off Time
t
off
-1
3
s



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com