Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5903G Datasheet(PDF) 9 Page - IXYS Corporation

Part # CPC5903G
Description  Bidirectionally Buffers I2C SDA Signal
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5903G Datasheet(HTML) 9 Page - IXYS Corporation

Back Button CPC5903G Datasheet HTML 5Page - IXYS Corporation CPC5903G Datasheet HTML 6Page - IXYS Corporation CPC5903G Datasheet HTML 7Page - IXYS Corporation CPC5903G Datasheet HTML 8Page - IXYS Corporation CPC5903G Datasheet HTML 9Page - IXYS Corporation CPC5903G Datasheet HTML 10Page - IXYS Corporation CPC5903G Datasheet HTML 11Page - IXYS Corporation CPC5903G Datasheet HTML 12Page - IXYS Corporation CPC5903G Datasheet HTML 13Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5903
R02
www.ixysic.com
9
dependent on the end product’s design criteria and the
operational characteristics of the CPC5903.
On Side A of the CPC5903, pull-ups chosen for
Fast-mode (up to 6mA) drivers can be used with no
loss of noise margin.
At the Side B outputs, OB and IOB, pull-up resistor
values should be chosen for Standard-mode 3mA
pull-up current or less when VDDB < 4.5V. Additionally,
because VIL at Side B is 0.2VDDB , the pull-up resistor
on IOB must be large enough that the weakest driver
on the Side B bus can pull the voltage reliably below
0.2VDDB . When VDDB > 4.5V, the CPC5903 Side B
outputs will drive up to 6mA, and resistor pull-ups
chosen for up to 6mA can be used, provided all the
other devices on the bus have sufficient drive.
3.5 Pulse Propagation, Stretching and Delays
Due to glitch protection circuitry within the CPC5903
applying a pulse at the IOB input inherently involves
the use of the output driver at that I/O. Once an
asserted signal at IOB is determined to be valid, it is
stretched until it’s transmission through the optics has
been verified. This insures that there will be no extra
edges generated at either side due to optic delays. If a
Side B asserted-low pulse is long enough to be
accepted and passed to Side A, then the flip-flop at
Side B is set and remains set until the signal returns
through the optics from Side A. While the flip-flop is
set, IOB will output a voltage limited logic low, thereby
holding the bus at a logic low.
In operation, a valid asserted pulse of less than 80ns
applied at IOB appears at Side A after a delay largely
determined by the low-pass filter delay (tFIL) and the
optics delay (tOPHL_BA). After this initial delay the
Side A driver IOA is activated and a logic low is
asserted at time:
tSTARTA = tFIL + tOPHL_BA
That assertion is returned across the optics to Side B
after a delay largely determined by tOPHL_AB. Upon
arriving at Side B, the flip-flop is cleared with the
incoming signal from Side A sustaining the IOB
voltage limited logic low. With the prior loss of the
asserted logic low by the external I2C device, and
because the IOB input does not accept it’s own output
low as valid, a deassertion is sent through the optics to
Side A, arriving at the Side A output after a delay
largely determined by tOPLH_BA at time:
tENDA = tFIL + tOPHL_BA + tOPHL_AB + tOPLH_BA
Thus a valid Side B pulse having a width less than
80ns is stretched at Side A to a typical width of 125ns.
The duration of the pulse width output onto the Side A
bus is given by:
tPWA_min = (tOPHL_AB + tOPLH_BA)
When Side A is deasserted, the output rises at a slew
rate determined by the RC load on IOA, and passes
the logic threshold after time tSLEWA. The deasserted
(logic HIGH) input propagates through the optics and
deasserts the Side B output after a delay largely
determined by tOPLH_AB. Side B deassertion occurs at
time tENDB given by:
tENDB = tENDA + tSLEWA + tOPLH_AB
Consequently at Side B input, an applied pulse of less
than 80ns is stretched to:
tPWB_min = tFIL + tOPHL_BA + tOPHL_AB + tOPLH_BA + tSLEWA + tOPLH_AB
which is typically 330ns. More importantly, only one
pulse is seen at both ports, with no extra or missing
clock or data edges, assuring bus integrity.
Pulses of width larger than approximately 80ns
applied to the Side B input do not utilize the flip-flop to
terminate the pulse, but do need to propagate to
Side A and then back to Side B when returning high
after being asserted low. The Side A pulse width is
given by the usual pulse width distortion relation:
tPWA_nom = tPULSE + tPLH_BA - tPHL_BA
which is typically tPULSE + 75ns. Note that tPLH_BA and
tPHL_BA are observed at the external pins, and are
provided in the table, “Electrical Specifications” on
page 4. The pulse at Side B is asserted by an
external driver pulling low, and lasts for time tPULSE. At
the end of the pulse, the rising edge passes through
the internal filter with delay tFIL, then is applied to the
LED and received at Side A tOPLH_BA later. After time
tSLEWA the output at Side A crosses the logic high
threshold causing the Side A LED drive to deactivate,
which propagates the deasserted state back to Side B
with a delay of tOPLH_AB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com