Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5903GSTR Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC5903GSTR
Description  Bidirectionally Buffers I2C SDA Signal
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5903GSTR Datasheet(HTML) 4 Page - IXYS Corporation

  CPC5903GSTR Datasheet HTML 1Page - IXYS Corporation CPC5903GSTR Datasheet HTML 2Page - IXYS Corporation CPC5903GSTR Datasheet HTML 3Page - IXYS Corporation CPC5903GSTR Datasheet HTML 4Page - IXYS Corporation CPC5903GSTR Datasheet HTML 5Page - IXYS Corporation CPC5903GSTR Datasheet HTML 6Page - IXYS Corporation CPC5903GSTR Datasheet HTML 7Page - IXYS Corporation CPC5903GSTR Datasheet HTML 8Page - IXYS Corporation CPC5903GSTR Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5903
4
www.ixysic.com
R02
1.6 General Conditions
Unless otherwise specified, minimum and maximum values are guaranteed by production testing requirements or by
design. Typical values are characteristic of the device at 25°C, and are the result of engineering evaluations. They are
provided for information purposes only, and are not part of the manufacturing testing requirements.
Specifications cover the operating temperature range TA = -40°C to +85°C.
1.7 Electrical Specifications
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Side A
Supply Voltage
IIOA=6mA
VDDA
2.7
-
5.5
V
Supply Current
VDDA=3.3V, IIOA=0
IDDA
-7.5
-
mA
IIOA=6mA
-7.85-
VDDA=5.5V, IIOA=0, TA=25°C
-8.1
10
Leakage Current
VIA=VIOA=VDDA
ILEAKA
-0.01
10
A
Input Capacitance
CIN
3
pF
Falling Input Low Threshold
VDDA=2.7V to 5.5V
VILA
0.3VDD
--
V
Rising Input High Threshold
VDDA=2.7V to 5.5V
VIHA
--
0.7VDD
Hysteresis
VDDA=2.7V to 5.5V
HYSTA
-
0.15VDD
-
V
Output Drive
VDDA=2.7V, IIOA=3mA
VOLA
-
0.21
0.35
V
VDDA=2.7V, IIOA=6mA
-0.42
0.7
Output Temperature Coefficient
VDDA=2.7V to 5.5V, IIOA=6mA
TCA
-+1.2-
mV/°C
Side B
Supply Voltage
IOB=IIOB=3mA
VDDB
2.7
-
5.5
V
Supply Current
VDDB=3.3V, IOB=IIOB=0
IDDB
-8.4
-
mA
IOB=IIOB=3mA
-8.75-
VDDB=5.5V, IOB=IIOB=0, TA=25°C
-
9.3
11.3
Leakage Current
VIA=VIOA=VDDB
ILEAKB
-0.01
10
A
Input Capacitance
CIN
3
pF
Falling Input Low Threshold
VDDB = 2.7V
VILB
0.48
0.54
0.6
V
VDDB = 2.7V to 5.5V
0.2VDDB
- 60mV
0.2VDDB
0.2VDDB
+ 60mV
Hysteresis
VDDB=2.7V to 5.5V
HYSTB
-
0.01VDDB
-
V
Output Drive
VDDB=2.7V, IOB=IIOB=3mA
VOLB
0.63
0.72
0.81
V
VDDB=2.7V, IOB=IIOB=0.1mA
-0.62-
VDDB = 2.7V to 5.5V,
IOB=IIOB=3mA
-
0.23VDDB
0.23VDDB
+ 190mV
VDDB4.5V, IOB=IIOB=6mA
0.3VDDB
Self-Drive Margin
VDDB=2.7V, IIOB=0.1mA
(Self_Out-In) VDIFFERENCE
VOLB - VILB
25
-
-
mV
Output Temperature Coefficient
VDDB=2.7V to 5.5V, IOB=IIOB=3mA
TCB
-+0.4-
mV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com