Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLCV25T-R10M-EFR Datasheet(PDF) 6 Page - TDK Electronics

Part # NLCV25T-R10M-EFR
Description  Inductors for Decoupling Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLCV25T-R10M-EFR Datasheet(HTML) 6 Page - TDK Electronics

Back Button NLCV25T-R10M-EFR Datasheet HTML 2Page - TDK Electronics NLCV25T-R10M-EFR Datasheet HTML 3Page - TDK Electronics NLCV25T-R10M-EFR Datasheet HTML 4Page - TDK Electronics NLCV25T-R10M-EFR Datasheet HTML 5Page - TDK Electronics NLCV25T-R10M-EFR Datasheet HTML 6Page - TDK Electronics NLCV25T-R10M-EFR Datasheet HTML 7Page - TDK Electronics NLCV25T-R10M-EFR Datasheet HTML 8Page - TDK Electronics NLCV25T-R10M-EFR Datasheet HTML 9Page - TDK Electronics NLCV25T-R10M-EFR Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
(6/10)
INDUC
T
O
RS
20160909 / inductor_commercial_decoupling_nlcv25-efr_en
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
NLCV25-EFR Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (10% below the initial L value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
frequency
DC resistance
Rated current
Part No.
(µH)
Tolerance
ref.
(MHz)
(
Ω )±20%
(mA)max.
0.1
±20%
5
25.2
0.04
1890
NLCV25T-R10M-EFR
0.15
±20%
5
25.2
0.044
1800
NLCV25T-R15M-EFR
0.22
±20%
5
25.2
0.05
1690
NLCV25T-R22M-EFR
0.33
±20%
5
25.2
0.065
1480
NLCV25T-R33M-EFR
0.47
±20%
5
25.2
0.08
1340
NLCV25T-R47M-EFR
0.68
±20%
5
25.2
0.09
1260
NLCV25T-R68M-EFR
1
±20%
10
7.96
0.14
1000
NLCV25T-1R0M-EFR
1.5
±20%
10
7.96
0.18
890
NLCV25T-1R5M-EFR
2.2
±20%
10
7.96
0.27
730
NLCV25T-2R2M-EFR
3.3
±20%
10
7.96
0.44
570
NLCV25T-3R3M-EFR
4.7
±20%
10
7.96
0.57
500
NLCV25T-4R7M-EFR
6.8
±20%
10
7.96
0.92
390
NLCV25T-6R8M-EFR
10
±10%
15
2.52
1.1
360
NLCV25T-100K-EFR
Measurement item
Product No.
Manufacturer
L, Q
4194A+16085A+16093B
Keysight Technologies
DC resistance
VP-2941A
Panasonic



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com