Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLCV25T-R15M-EFR Datasheet(PDF) 9 Page - TDK Electronics

Part # NLCV25T-R15M-EFR
Description  Inductors for Decoupling Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLCV25T-R15M-EFR Datasheet(HTML) 9 Page - TDK Electronics

Back Button NLCV25T-R15M-EFR Datasheet HTML 2Page - TDK Electronics NLCV25T-R15M-EFR Datasheet HTML 3Page - TDK Electronics NLCV25T-R15M-EFR Datasheet HTML 4Page - TDK Electronics NLCV25T-R15M-EFR Datasheet HTML 5Page - TDK Electronics NLCV25T-R15M-EFR Datasheet HTML 6Page - TDK Electronics NLCV25T-R15M-EFR Datasheet HTML 7Page - TDK Electronics NLCV25T-R15M-EFR Datasheet HTML 8Page - TDK Electronics NLCV25T-R15M-EFR Datasheet HTML 9Page - TDK Electronics NLCV25T-R15M-EFR Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
(9/10)
INDUC
T
O
RS
20160909 / inductor_commercial_decoupling_nlcv25-efr_en
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
NLCV25-EFR Type
ELECTRICAL CHARACTERISTICS
IMPEDANCE FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0.01
0.1
1
10
100000
100
1000
10000
0.1
1
10
100
10000
1000
Frequency(MHz)
4R7M
3R3M
2R2M
1R5M
1R0M
6R8M
100K
R22M
R33M
R47M
R68M
R15M
R10M
Product No.
Manufacturer
4294A
Keysight Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com