Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB751CS-40 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # RB751CS-40
Description  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

RB751CS-40 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  RB751CS-40 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd RB751CS-40 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd RB751CS-40 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd RB751CS-40 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.yeashin.com
2
REV.02 20130508
RB751CS-40
DEVICE CHARACTERISTICS
Electrical characteristic curves
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISRESION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(ms)
Rth-t CHARACTERISTICS
AVERAGE RECTIFIED
FORWARD CURRENT:Io(A)
Io-Pf CHARACTERISTICS
trr DISPERSION MAP
0.001
0.01
0.1
1
10
100
0
100 200 300 400 500 600 700 800
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
1
10
100
1000
10000
100000
0
5
10
15
20
25
30
35
40
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
0.1
1
10
0
5
10
15
20
25
30
f=1MHz
280
290
300
310
320
330
AVE:304.2mV
Ta=25℃
IF=1mA
n=30pcs
0
100
200
300
400
500
600
700
800
900
1000
Ta=25℃
VR=30V
n=30pcs
AVE:111.0nA
0
1
2
3
4
5
6
7
8
9
10
AVE:1.81pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
0
5
10
15
20
AVE:3.40A
8.3ms
Ifsm
1cyc
0
5
10
15
20
25
30
AVE:11.7ns
Ta=25℃
IF=0.5A
IR=1A
Irr=0.25*IR
n=10pcs
0
2
4
6
8
10
1
10
100
8.3ms
Ifsm
1cyc
8.3ms
0
2
4
6
8
10
1
10
100
t
Ifsm
0
0.01
0.02
0.03
0.04
0.05
0
0.01
0.02
0.03
0.04
0.05
10
100
1000
0.001
0.1
10
1000
Rth(j-a)
Rth(j-c)
1ms
IM=10mA
IF=100mA
300us
time
Mounted on epoxy board
DC
D=1/2
Sin(θ=180)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com