Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431TVG-AE2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TL431TVG-AE2-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL431TVG-AE2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TL431TVG-AE2-R Datasheet HTML 1Page - Unisonic Technologies TL431TVG-AE2-R Datasheet HTML 2Page - Unisonic Technologies TL431TVG-AE2-R Datasheet HTML 3Page - Unisonic Technologies TL431TVG-AE2-R Datasheet HTML 4Page - Unisonic Technologies TL431TVG-AE2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TL431TV
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R103-112 .A
PROGRAMMABLE PRECISION
REFERENCE
DESCRIPTION
The UTC TL431TV is a three-terminal adjustable regulator with a
guaranteed thermal stability over applicable temperature ranges.
The output voltage may be set to any value between VREF
(approximately 2.5V) and 36V with two external resistors. It provides
very wide applications, including shunt regulator, series regulator,
switching regulator, voltage reference and others.
FEATURES
* Programmable output Voltage to 36V.
* Low dynamic output impedance 0.2Ω.
* Sink current capability of 1.0 to 100mA.
* Equivalent full-range temperature coefficient of 50ppm/°C
typical for operation over full rated operating temperature range.
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
3
Packing
TL431TVG-AE2-R
SOT-23-3
K
R
A
Tape Reel
Note: Pin Code: K: Cathode
A: Anode
R: Reference
MARKING
3
431TV
1
2


Similar Part No. - TL431TVG-AE2-R

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TL431TA HTC-TL431TA Datasheet
671Kb / 12P
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431TA HTC-TL431TA Datasheet
671Kb / 12P
PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Texas Instruments
TL431TDA1 TI-TL431TDA1 Datasheet
68Kb / 4P
PRECISION PROGRAMMABLE REFERENCE
TL431TDA1 TI1-TL431TDA1 Datasheet
91Kb / 6P
Precision Programmable Reference
TL431TDA2 TI-TL431TDA2 Datasheet
68Kb / 4P
PRECISION PROGRAMMABLE REFERENCE
More results

Similar Description - TL431TVG-AE2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com