Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U8C3525G-S16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # U8C3525G-S16-R
Description  Maximum clock frequency
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U8C3525G-S16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  U8C3525G-S16-R Datasheet HTML 1Page - Unisonic Technologies U8C3525G-S16-R Datasheet HTML 2Page - Unisonic Technologies U8C3525G-S16-R Datasheet HTML 3Page - Unisonic Technologies U8C3525G-S16-R Datasheet HTML 4Page - Unisonic Technologies U8C3525G-S16-R Datasheet HTML 5Page - Unisonic Technologies U8C3525G-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
U8C3525
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R126-048.a
MARKING
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
GND
Ground terminal
2
SDI
Serial data input terminal.
3
SDO
Serial data output terminal.
4
OE
Output enable terminal:
‘L’ for all outputs are turned off, ‘H’ for all outputs are active.
5
LATCH
Input terminal of data strobe. Data on shift register goes through when ‘H’.
Otherwise, data is latched.
6
SCLK
Synchronous clock input terminal for serial data transfer. Data is sampled at the
rising edge of SCLK.
7
VDD
Supply voltage terminal.
8
PVDD
Power Supply voltage terminal. To absorb the inductive load reverse current of
Driver-side
9-16
Drian0 ~ Drain7
Sink constant-current outputs (open-drain).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com