Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74ACT00G-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74ACT00G-S14-R
Description  High Noise Immunity
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74ACT00G-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74ACT00G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74ACT00G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74ACT00G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74ACT00G-S14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74ACT00
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R126-049.A
QUADRUPLE 2-INPUT
POSITIVE-NAND GATES
DESCRIPTION
The UTC U74ACT00 contains four independent 2-input
positive-nand gates. Each Gate Performs the Boolean function
Y=A B or
Y=A B
FEATURES
* Operation Voltage Range: 4.5~5.5V
* Low Power Dissipation:
ICC=2μA (Max.)
* High Noise Immunity
* Compatible With TTL Output
ORDERING INFORMATION
Ordering Number
Package
Packing
U74ACT00G-S14-R
SOP-14
Tape Reel
(1) R: Tape Reel
(2) S14: SOP-14
(3) G: Halogen Free and Lead Free
U74ACT00G-S14-R
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING
U T C
U74ACT00G
2
3
4
5
67
1
9
10
11
12
13
14
Date Code
Lot Code
8


Similar Part No. - U74ACT00G-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74ACT02G-P14-R UTC-U74ACT02G-P14-R Datasheet
187Kb / 4P
Compatible With TTL Output
U74ACT04 UTC-U74ACT04 Datasheet
164Kb / 4P
HEX INVERTERS
U74ACT04G-D14-T UTC-U74ACT04G-D14-T Datasheet
164Kb / 4P
HEX INVERTERS
U74ACT04G-D14-T UTC-U74ACT04G-D14-T Datasheet
207Kb / 4P
HEX INVERTERS
U74ACT04G-P14-R UTC-U74ACT04G-P14-R Datasheet
164Kb / 4P
HEX INVERTERS
More results

Similar Description - U74ACT00G-S14-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT139B PHILIPS-BT139B Datasheet
50Kb / 6P
Triacs high noise immunity
October 1997 Rev 1.100
BT139 PHILIPS-BT139 Datasheet
45Kb / 6P
Triacs high noise immunity
September 1997 Rev 1.200
logo
COSMO Electronics Corp...
KP1510S COSMO-KP1510S Datasheet
186Kb / 9P
High Noise Immunity, 2.5A Output Current
logo
Panasonic Semiconductor
JQ1P-B-24V PANASONIC-JQ1P-B-24V Datasheet
109Kb / 7P
High electrical noise immunity
logo
Unisonic Technologies
UOT406 UTC-UOT406_15 Datasheet
121Kb / 3P
ENHANCED NOISE IMMUNITY
U74ACT32G-P14-R UTC-U74ACT32G-P14-R Datasheet
188Kb / 4P
High Noise Immunity
U74HC148G-P16-R UTC-U74HC148G-P16-R Datasheet
189Kb / 6P
High Noise Immunity
logo
NXP Semiconductors
BT139BH PHILIPS-BT139BH Datasheet
54Kb / 6P
Triacs high noise immunity
March 1997 Rev 1.000
BT139H PHILIPS-BT139H Datasheet
49Kb / 6P
Triacs high noise immunity
September 1997 Rev 1.200
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-302J AVAGO-ACPL-302J Datasheet
461Kb / 18P
High Noise Immunity
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com