Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4765T Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4765T
Description  Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4765T Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4765T Datasheet HTML 3Page - National Semiconductor (TI) LM4765T Datasheet HTML 4Page - National Semiconductor (TI) LM4765T Datasheet HTML 5Page - National Semiconductor (TI) LM4765T Datasheet HTML 6Page - National Semiconductor (TI) LM4765T Datasheet HTML 7Page - National Semiconductor (TI) LM4765T Datasheet HTML 8Page - National Semiconductor (TI) LM4765T Datasheet HTML 9Page - National Semiconductor (TI) LM4765T Datasheet HTML 10Page - National Semiconductor (TI) LM4765T Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
External Components Description
Components
Functional Description
1R
B
Prevents currents from entering the amplifier’s non-inverting input which may be passed through to the
load upon power down of the system due to the low input impedance of the circuitry when the
undervoltage circuitry is off. This phenomenon occurs when the supply voltages are below 1.5V.
2R
i
Inverting input resistance to provide AC gain in conjunction with R
f.
3R
f
Feedback resistance to provide AC gain in conjunction with R
i.
4C
i
(Note 13)
Feedback capacitor which ensures unity gain at DC. Also creates a highpass filter with R
i at fC =
1/(2
πR
iCi).
5C
S
Provides power supply filtering and bypassing. Refer to the Supply Bypassing application section for
proper placement and selection of bypass capacitors.
6R
V
(Note 13)
Acts as a volume control by setting the input voltage level.
7R
IN
(Note 13)
Sets the amplifier’s input terminals DC bias point when C
IN is present in the circuit. Also works with CIN to
create a highpass filter at f
C = 1/(2πRINCIN). Refer to Figure 4.
8C
IN
(Note 13)
Input capacitor which blocks the input signal’s DC offsets from being passed onto the amplifier’s inputs.
9R
SN
(Note 13)
Works with C
SN to stabilize the output stage by creating a pole that reduces high frequency instabilities.
10
C
SN
(Note 13)
Works with R
SN to stabilize the output stage by creating a pole that reduces high frequency instabilities.
The pole is set at f
C = 1/(2πRSNCSN). Refer to Figure 4.
11
L (Note 13)
Provides high impedance at high frequencies so that R may decouple a highly capacitive load and reduce
the Q of the series resonant circuit. Also provides a low impedance at low frequencies to short out R and
pass audio signals to the load. Refer to
Figure 4.
12
R (Note 13)
13
R
A
Provides DC voltage biasing for the transistor Q1 in single supply operation.
14
C
A
Provides bias filtering for single supply operation.
15
R
INP
(Note 13)
Limits the voltage difference between the amplifier’s inputs for single supply operation. Refer to the Clicks
and Pops application section for a more detailed explanation of the function of R
INP.
16
R
BI
Provides input bias current for single supply operation. Refer to the Clicks and Pops application section
for a more detailed explanation of the function of R
BI.
17
R
E
Establishes a fixed DC current for the transistor Q1 in single supply operation. This resistor stabilizes the
half-supply point along with C
A.
Note 13: Optional components dependent upon specific design requirements.
Typical Performance Characteristics
THD+Nvs Frequency
DS100927-13
THD+Nvs Frequency
DS100927-14
THD+Nvs Frequency
DS100927-15
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com