Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4766 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4766
Description  Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4766 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4766 Datasheet HTML 6Page - National Semiconductor (TI) LM4766 Datasheet HTML 7Page - National Semiconductor (TI) LM4766 Datasheet HTML 8Page - National Semiconductor (TI) LM4766 Datasheet HTML 9Page - National Semiconductor (TI) LM4766 Datasheet HTML 10Page - National Semiconductor (TI) LM4766 Datasheet HTML 11Page - National Semiconductor (TI) LM4766 Datasheet HTML 12Page - National Semiconductor (TI) LM4766 Datasheet HTML 13Page - National Semiconductor (TI) LM4766 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Application Information (Continued)
verify that with the required power supply voltage and load
impedance, that the required heatsink value
θ
SA is feasible
given system cost and size constraints. Once the heatsink
issues have been addressed, the required gain can be deter-
mined from
Equation (6).
(6)
From
Equation (6), the minimum A
V is:
A
V ≥ 15.5.
By selecting a gain of 21, and with a feedback resistor, R
f =
20 k
Ω, the value of R
i follows from Equation (7).
R
i = Rf (AV − 1)
(7)
Thus with R
i = 1kΩ a non-inverting gain of 21 will result.
Since the desired input impedance was 47 k
Ω, a value of
47 k
Ω was selected for R
IN. The final design step is to ad-
dress the bandwidth requirements which must be stated as a
pair of −3 dB frequency points. Five times away from a −3 dB
point is 0.17 dB down from passband response which is bet-
ter than the required ±0.25 dB specified. This fact results in
a low and high frequency pole of 4 Hz and 100 kHz respec-
tively. As stated in the External Components section, R
i in
conjunction with C
i create a high-pass filter.
C
i ≥ 1/(2π * 1kΩ * 4 Hz) = 39.8 µF;
use 39 µF.
The high frequency pole is determined by the product of the
desired high frequency pole, f
H, and the gain, AV. With a
A
V = 21 and fH = 100 kHz, the resulting GBWP is 2.1 MHz,
which is less than the guaranteed minimum GBWP of the
LM4766 of 8 MHz. This will ensure that the high frequency
response of the amplifier will be no worse than 0.17 dB down
at 20 kHz which is well within the bandwidth requirements of
the design.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com