Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74ACT02G-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74ACT02G-P14-R
Description  Compatible With TTL Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74ACT02G-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74ACT02G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74ACT02G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74ACT02G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74ACT02G-P14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74ACT02
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R126-050 .A
QUADRUPLE 2-INPUT
POSITIVE-NOR GATES
DESCRIPTION
The UTC U74ACT02 contains four independent 2-input
positive-nor gates. Each Gate Performs the Boolean function
Y= A+ B or Y= AB
FEATURES
* Operation Voltage Range: 4.5~5.5V
* Low Power Dissipation:
ICC=2μA (Max.)
* High Noise Immunity
* Compatible With TTL Output
ORDERING INFORMATION
Ordering Number
Package
Packing
U74ACT02G-P14-R
TSSOP-14
Tape Reel
MARKING


Similar Part No. - U74ACT02G-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74ACT00G-S14-R UTC-U74ACT00G-S14-R Datasheet
183Kb / 4P
High Noise Immunity
U74ACT04 UTC-U74ACT04 Datasheet
164Kb / 4P
HEX INVERTERS
U74ACT04G-D14-T UTC-U74ACT04G-D14-T Datasheet
164Kb / 4P
HEX INVERTERS
U74ACT04G-D14-T UTC-U74ACT04G-D14-T Datasheet
207Kb / 4P
HEX INVERTERS
U74ACT04G-P14-R UTC-U74ACT04G-P14-R Datasheet
164Kb / 4P
HEX INVERTERS
More results

Similar Description - U74ACT02G-P14-R

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HC13R8R CONNOR-WINFIELD-HC13R8R Datasheet
84Kb / 2P
HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
JHC13R8R CONNOR-WINFIELD-JHC13R8R Datasheet
69Kb / 1P
HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
HC17R5R CONNOR-WINFIELD-HC17R5R Datasheet
62Kb / 1P
HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
HC54R8R CONNOR-WINFIELD-HC54R8R Datasheet
83Kb / 2P
HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
HC62R8R CONNOR-WINFIELD-HC62R8R Datasheet
64Kb / 1P
HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
HC145R CONNOR-WINFIELD-HC145R Datasheet
59Kb / 1P
HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
HC524R CONNOR-WINFIELD-HC524R Datasheet
61Kb / 1P
HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
S13R8R CONNOR-WINFIELD-S13R8R Datasheet
66Kb / 1P
TTL COMPATIBLE TRI-STATE OUTPUT
logo
Micropac Industries
66173 MICROPAC-66173 Datasheet
75Kb / 2P
TTL compatible input and output
logo
Alliance Semiconductor ...
AS6C4016A ALSC-AS6C4016A Datasheet
1Mb / 12P
Three state output and TTL Compatible
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com