Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC1G74G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC1G74G-S08-R
Description  Low static power consumption
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC1G74G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC1G74G-S08-R Datasheet HTML 1Page - Unisonic Technologies U74AHC1G74G-S08-R Datasheet HTML 2Page - Unisonic Technologies U74AHC1G74G-S08-R Datasheet HTML 3Page - Unisonic Technologies U74AHC1G74G-S08-R Datasheet HTML 4Page - Unisonic Technologies U74AHC1G74G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC1G74
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R126-027.A
SINGLE
POSITIVE-EDGE-TRIGGERED
D-TYPE FLIP-FLOP WITH
CLEAR AND PRESET
DESCRIPTION
The UTC U74AHC1G74 is a single positive-edge-triggered
D-type flip-flop.
A low level at the preset ( PRE ) or clear ( CLR ) inputs sets
or resets the outputs, regardless of the levels of the other
inputs. When PRE and CLR are inactive (high), data at the
data (D) input meeting the setup time requirements is
transferred to the outputs on the positive-going edge of the
clock pulse. Clock triggering occurs at a voltage level and is not
directly related to the rise time of the clock pulse. Following the
hold-time interval,data at the D input can be changed without
affecting the levels at the outputs.
FEATURES
* Operation voltage range: 2 ~ 5.5V
* Max tPd of 7.3 ns at 5 V
* Low static power consumption; ICC=2μA (Max.)
* ±8mA output drive at 5 V
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
U74AHC1G74G-S08-R
SOP-8
Tape Reel
MARKING


Similar Part No. - U74AHC1G74G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G79G-AE5-R UTC-U74AHC1G79G-AE5-R Datasheet
196Kb / 5P
Symmetrical output impedance
U74AHC1G79G-AL5-R UTC-U74AHC1G79G-AL5-R Datasheet
196Kb / 5P
Symmetrical output impedance
More results

Similar Description - U74AHC1G74G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC2G126G-P08-R UTC-U74AHC2G126G-P08-R Datasheet
172Kb / 5P
Low static power consumption
U74AUP1G04G-AE5-R UTC-U74AUP1G04G-AE5-R Datasheet
207Kb / 5P
Low static power consumption
U74HC73G-S14-R UTC-U74HC73G-S14-R Datasheet
178Kb / 6P
Low static power consumption
U74HC590G-S16-R UTC-U74HC590G-S16-R Datasheet
290Kb / 8P
Low static power consumption
U74HCT73G-S14-R UTC-U74HCT73G-S14-R Datasheet
174Kb / 6P
Low static power consumption
U74LVC1G240G-AL5-R UTC-U74LVC1G240G-AL5-R Datasheet
189Kb / 5P
Low static power consumption
U74LVC3G06G-S08-R UTC-U74LVC3G06G-S08-R Datasheet
208Kb / 5P
Low static power consumption
U74LVC3G07G-S08-R UTC-U74LVC3G07G-S08-R Datasheet
208Kb / 5P
Low static power consumption
U74LVC3G14G-S08-R UTC-U74LVC3G14G-S08-R Datasheet
203Kb / 5P
Low static power consumption
U74LVC3G17G-S08-R UTC-U74LVC3G17G-S08-R Datasheet
202Kb / 5P
Low static power consumption
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com