Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3U1085LM Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # S3U1085LM
Description  3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S3U1085LM Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  S3U1085LM Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S3U1085LM Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S3U1085LM Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S3U1085LM Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH S3U1085LM Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Elektronische Bauelemente
S3U1085LM Series
3A Low Dropout Positive
Adjustable or Fixed-Mode Regulator
06-Jun-2013 Rev. B
Page 2 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
BLOCK DIAGRAM
PIN DESCRIPTIONS
Name
I/O
Pin#
Description
ADJ (GND)
1
A resistor divider from this pin to the VOUT pin and ground sets the output voltage
(Ground only for fixed mode)
VOUT
O
2
The output pin of regulator. A min. of 10μF capacitor must be connected from this pin
to ground to insure stability.
VIN
I
3
The input pin of regulator. Typically a large storage capacitor is connected from this
pin to ground to insure that the input voltage does not sag below the min. dropout
voltage during the load transient response.
This pin must always be 1.3V higher than VOUT in order for the device to regulate
properly.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
DC Supply Voltage
Vin
15
V
Thermal Resistance (Junction to Case)
RθJC
3
°C / W
Thermal Resistance (Junction to Ambient)
RθJA
62.5
°C / W
Power Dissipation (TA = 25°C)
PD
2
W
Operating, Storage Temperature Range
TOPR, TSTG
-40~125, -65~150
°C
Lead Temperature(Soldering 10sec)
TLEAD
300
°C
Note:
1. Stress above the listed absolute maximum rating may cause permanent damage to the device



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com