Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTLP3502HTLD Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KTLP3502HTLD
Description  8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KTLP3502HTLD Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KTLP3502HTLD Datasheet HTML 1Page - COSMO  Electronics Corporation KTLP3502HTLD Datasheet HTML 2Page - COSMO  Electronics Corporation KTLP3502HTLD Datasheet HTML 3Page - COSMO  Electronics Corporation KTLP3502HTLD Datasheet HTML 4Page - COSMO  Electronics Corporation KTLP3502HTLD Datasheet HTML 5Page - COSMO  Electronics Corporation KTLP3502HTLD Datasheet HTML 6Page - COSMO  Electronics Corporation KTLP3502HTLD Datasheet HTML 7Page - COSMO  Electronics Corporation KTLP3502HTLD Datasheet HTML 8Page - COSMO  Electronics Corporation KTLP3502HTLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P45001.2
- 1 -
http://www.cosmo-ic.com
cosmo
KTLP3502 Series
8PIN RANDOM-PHASE TRIAC DRIVER
PHOTOCOUPLER
 Description
The KTLP3502 series consist of a GaAs infrared
emitting
diode
optically
coupled
to
an
non-zero-crossing silicon bilateral TRIAC and a main
output power TRIAC. These devices isolate low
voltage logic from 115 VAC lines to provide random
phase control of high current TRIACs or thyristors.
These devices feature greatly enhanced static dv/dt
capability to ensure stable switching performance of
inductive loads.
 Schematic
1
2
3
4
8
6
5
1.Cathode
2.Anode
3.Cathode
4.Cathode
5. Gate
6. T1
8. T2
 Features
1. Pb free and RoHS compliant
2. 400V peak blocking voltage
3. On-State R.M.S Current 0.5A.
4. Simplifies logic control of 115 VAC power
5. Non zero voltage crossing
6. Isolation voltage between input and output (Viso:5300Vms)
7. MSL class 1
8. Agency Approvals:
• UL Approved (No. E169586): UL1577
• c-UL Approved (No. E169586)
• VDE Approved (No. 40020973): DIN EN60747-5-5
 Applications
• TRIAC driver
• Programmable controllers
• AC-output module
• Solid state relay
• Isolated interface between high voltage AC devices and
lower voltage DC control circuitry
• Switching motors, fans, heaters, solenoids and valves
• Phase or power control in applications, such as lighting and
temperature control equipment


Similar Part No. - KTLP3502HTLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KTLP3502H COSMO-KTLP3502H Datasheet
113Kb / 6P
Compact dual-in-line package
More results

Similar Description - KTLP3502HTLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC305X COSMO-KMOC305X Datasheet
214Kb / 10P
5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC302X COSMO-KMOC302X Datasheet
213Kb / 10P
5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC302X COSMO-KMOC302X_15 Datasheet
261Kb / 10P
5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC305X COSMO-KMOC305X_15 Datasheet
270Kb / 10P
5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3011 COSMO-KMOC3011_15 Datasheet
249Kb / 10P
4PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3503 COSMO-KTLP3503_15 Datasheet
254Kb / 10P
8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3506 COSMO-KTLP3506_15 Datasheet
251Kb / 10P
8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3507 COSMO-KTLP3507_15 Datasheet
255Kb / 10P
8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3616 COSMO-KTLP3616_15 Datasheet
250Kb / 10P
8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3617 COSMO-KTLP3617_15 Datasheet
254Kb / 10P
8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com