Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTLP3616HTL Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KTLP3616HTL
Description  8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KTLP3616HTL Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KTLP3616HTL Datasheet HTML 1Page - COSMO  Electronics Corporation KTLP3616HTL Datasheet HTML 2Page - COSMO  Electronics Corporation KTLP3616HTL Datasheet HTML 3Page - COSMO  Electronics Corporation KTLP3616HTL Datasheet HTML 4Page - COSMO  Electronics Corporation KTLP3616HTL Datasheet HTML 5Page - COSMO  Electronics Corporation KTLP3616HTL Datasheet HTML 6Page - COSMO  Electronics Corporation KTLP3616HTL Datasheet HTML 7Page - COSMO  Electronics Corporation KTLP3616HTL Datasheet HTML 8Page - COSMO  Electronics Corporation KTLP3616HTL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P45003.2
- 4 -
http://www.cosmo-ic.com
cosmo
KTLP3616 Series
8PIN RANDOM-PHASE TRIAC DRIVER
PHOTOCOUPLER
Fig.1 Forward Current e
Fig.2 On-state R.M.S. Current
vs. Ambient Temperature
vs. Ambient Temperature
0
-40 -20
0
20
40
60
80
100 115
10
20
30
40
50
60
0
-40 -20
0
20
40
60
80
100 115
0.3
0.6
0.9
1.2
1.5
1.8
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.3 Peak Forward Current
Fig.4 Forward Current
vs. Duty Ratio
vs. Forward Voltage
10
10
100
1000
10000
1
-3
10
-2
10
-1
Pulse width <= 100us
Ta=25°C
1
10
100
1000
0.5
1.0
1.5
2.0
2.5
3.0
0
5
2
50
20
500
200
Ta=75°C
50°C
25°C
0°C
-25°C
Duty Ratio
Forward Voltage (V)
Fig.5 Trigger Current
Fig.6 Leakage with LED off
vs. Ambient Temperature
vs. Ambient Temperature
-40 -20
0
20
40
60
80
100 115
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Normalized to Ta=25°C
0.1
-40
-20
0
20
40
60
80
100 115
1
10
100
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com