Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGA-6289 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SGA-6289
Description  DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SGA-6289 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SGA-6289 Datasheet HTML 1Page - List of Unclassifed Manufacturers SGA-6289 Datasheet HTML 2Page - List of Unclassifed Manufacturers SGA-6289 Datasheet HTML 3Page - List of Unclassifed Manufacturers SGA-6289 Datasheet HTML 4Page - List of Unclassifed Manufacturers SGA-6289 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
EDS-100619 Rev D
Preliminary
SGA-6289 DC-4500 MHz Cascadable MMIC Amplifier
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
-30
-25
-20
-15
-10
01
23
4
5
Frequency (GHz)
+25°C
-40°C
+85°C
-40
-30
-20
-10
0
01
23
45
Frequency (GHz)
+25°C
-40°C
+85°C
4
8
12
16
20
0
1
23
45
Frequency (GHz)
+25°C
-40°C
+85°C
-40
-30
-20
-10
0
01
23
45
Frequency (GHz)
+25°C
-40°C
+85°C
|S
12| vs. Frequency
V
D= 4.0 V, ID= 75 mA
|S
22| vs. Frequency
V
D= 4.0 V, ID= 75 mA
T
L
T
L
T
L
T
L
3.6
3.8
4.0
4.2
4.4
4.6
-40
-15
10
35
60
85
Temperature (°C)
|S
11| vs. Frequency
V
D= 4.0 V, ID= 75 mA
|S
21| vs. Frequency
V
D= 4.0 V, ID= 75 mA
V
D vs. Temperature for Constant ID = 75 mA
V
D vs. ID over Temperature for fixed
V
S= 8V , RBIAS= 51 Ohms *
* Note: In the applications circuit on page 4, R
BIAS compensates for voltage and current variation over temperature.
60
65
70
75
80
85
90
3.6
3.8
4.0
4.2
4.4
VD(Volts)
+85°C
+25°C
-40°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com