Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6JB80 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S6JB80
Description  6.0 Amp Glass Passivited Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S6JB80 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S6JB80 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S6JB80 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
S6JB80
Voltage 800V
6.0 Amp Glass Passivited Bridge Rectifiers
24-Apr-2013 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS compliant product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Ideal for printed circuit board
Low forward voltage drop, high current capability
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
800
V
TC=131°C
(with heat sink)
6
Average Rectified Output Current
@60HZ sine wave, R-load
TA=25°C
(without heat sink)
IO
1.8
A
Peak Forward Surge Current @
60HZ sine wave, 1 cycle, TA=25°C
IFSM
100
A
Maximum Peak Forward Voltage
3
VFM
1.05
V
Peak Reverse Current
2
IRRM
10
µA
Rating for fusing@ 1ms≦t≦8.3ms , per diode
I
2T
41.5
A
2S
Mounting Torque @ Recommend torque:5kg·cm
TOR
8
Kg‧cm
Dielectric Strength
1
Vdis
2
kV
Typical Thermal Resistance (with heat sink)
RθJC
1.5
°C/W
Typical Thermal Resistance(without heat sink)
RθJA
40
°C/W
Typical Thermal Resistance(without heat sink)
RθJL
6.5
°C/W
Operating and Storage temperature range
TJ,TSTG
-55~150
°C
Notes:
1. Terminals to case,AC 1 minute
2. VRM=VRRM, Pulse measurement, Rating of per diode.
3. IFM=3A, Pulse measurement, Rating of per diode
JB
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
24.7
25.3
G
2.5
2.9
B
10.0
10.6
H
0.9
1.1
C
1.4(TYP.)
I
0.4
0.6
D
13.0
14.0
J
3.0
3.4
E
7.3
7.7
K
φ3.2(TYP.)
F
4.0
4.4


Similar Part No. - S6JB80

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S6JB80 SECOS-S6JB80_15 Datasheet
252Kb / 2P
6.0 Amp Glass Passivited Bridge Rectifiers
More results

Similar Description - S6JB80

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
4GBJ6005 SECOS-4GBJ6005 Datasheet
931Kb / 2P
Voltage 50V ~ 1000V 6.0 Amp Glass Passivited Bridge Rectifiers
S3KBP20 SECOS-S3KBP20_15 Datasheet
330Kb / 2P
3.0 Amp Glass Passivited Bridge Rectifiers
S6GBP20 SECOS-S6GBP20_15 Datasheet
213Kb / 2P
6.0 Amp Glass Passivited Bridge Rectifiers
S6JB80 SECOS-S6JB80_15 Datasheet
252Kb / 2P
6.0 Amp Glass Passivited Bridge Rectifiers
S10JB80 SECOS-S10JB80_15 Datasheet
248Kb / 2P
10.0 Amp Glass Passivited Bridge Rectifiers
S2KBP20-C SECOS-S2KBP20-C Datasheet
226Kb / 2P
2.0 Amp Glass Passivited Bridge Rectifiers
S4GBL20-C SECOS-S4GBL20-C Datasheet
189Kb / 2P
4.0 Amp Glass Passivited Bridge Rectifiers
S6GBP20-C SECOS-S6GBP20-C Datasheet
213Kb / 2P
6.0 Amp Glass Passivited Bridge Rectifiers
S10KBJ20-C SECOS-S10KBJ20-C Datasheet
265Kb / 2P
10.0 Amp Glass Passivited Bridge Rectifiers
S2KBP20-C SECOS-S2KBP20-C_17 Datasheet
225Kb / 2P
2.0 Amp Glass Passivited Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com