Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTLP3617HTLD Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KTLP3617HTLD
Description  8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KTLP3617HTLD Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KTLP3617HTLD Datasheet HTML 1Page - COSMO  Electronics Corporation KTLP3617HTLD Datasheet HTML 2Page - COSMO  Electronics Corporation KTLP3617HTLD Datasheet HTML 3Page - COSMO  Electronics Corporation KTLP3617HTLD Datasheet HTML 4Page - COSMO  Electronics Corporation KTLP3617HTLD Datasheet HTML 5Page - COSMO  Electronics Corporation KTLP3617HTLD Datasheet HTML 6Page - COSMO  Electronics Corporation KTLP3617HTLD Datasheet HTML 7Page - COSMO  Electronics Corporation KTLP3617HTLD Datasheet HTML 8Page - COSMO  Electronics Corporation KTLP3617HTLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P46003.2
- 1 -
http://www.cosmo-ic.com
cosmo
KTLP3617 Series
8PIN ZERO-CROSS TRIAC DRIVER
PHOTOCOUPLER
 Description
The KTLP3617 series consist of a GaAs infrared
emitting diode optically coupled to a monolithic
silicon detector performing the function of a zero
voltage crossing bilateral TRIAC and a main output
power TRIAC. They are designed for use with a
TRIAC in the interface of logic systems to equipment
powered from 115/240 VAC lines, such as solid-state
relays, industrial controls, motors, solenoids and
consumer appliances, etc.
 Schematic
Z.C
1
2
3
4
8
6
5
1.Cathode
2.Anode
3.Cathode
4.Cathode
5. Gate
6. T1
8. T2
 Features
1. Pb free and RoHS compliant
2. 600V peak blocking voltage
3. On-state R.M.S Current 1.2A
4. Simplifies logic control of 115/240 VAC power
5. Zero voltage crossing
6. Isolation voltage between input and output (Viso:5300Vms)
7. MSL class 1
8. Agency Approvals:
• UL Approved (No. E169586): UL1577
• c-UL Approved (No. E169586)
• VDE Approved (No. 40020973): DIN EN60747-5-5
 Applications
• TRIAC driver
• Programmable controllers
• AC-output module
• Solid state relay
• Isolated interface between high voltage AC devices and
lower voltage DC control circuitry
• Switching motors, fans, heaters, solenoids and valves
• Phase or power control in applications, such as lighting and
temperature control equipment


Similar Part No. - KTLP3617HTLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KTLP3617H COSMO-KTLP3617H Datasheet
114Kb / 6P
Compact dual-in-line package
More results

Similar Description - KTLP3617HTLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC306X COSMO-KMOC306X Datasheet
214Kb / 10P
5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC304X COSMO-KMOC304X_15 Datasheet
345Kb / 10P
5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC306X COSMO-KMOC306X_15 Datasheet
271Kb / 10P
5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC308X COSMO-KMOC308X_15 Datasheet
268Kb / 10P
5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3012 COSMO-KMOC3012_15 Datasheet
254Kb / 10P
4PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP161L COSMO-KTLP161L_15 Datasheet
210Kb / 9P
4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP166J COSMO-KTLP166J_15 Datasheet
211Kb / 9P
4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3503 COSMO-KTLP3503_15 Datasheet
254Kb / 10P
8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3507 COSMO-KTLP3507_15 Datasheet
255Kb / 10P
8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com