Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S10JB80 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S10JB80
Description  10.0 Amp Glass Passivited Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S10JB80 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S10JB80 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S10JB80 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
S10JB80
Voltage 800V
10.0 Amp Glass Passivited Bridge Rectifiers
15-Apr-2014 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS compliant product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Ideal for printed circuit board
Low forward voltage drop, high current capability
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
800
V
TC=110°C
1
10
Maximum average forward
rectified output current
TA=25°C
2
IO
2.4
A
Peak forward surge current 8.3 ms single sine-wave
superimposed on rated load (JEDEC Method)
IFSM
120
A
Maximum Peak Forward Voltage @ 5A
VF
1.05
V
TA=25°C
5
Maximum DC Reverse Current at Rated
DC Blocking Voltage per leg
TA=125°C
IR
150
μA
Rating for fusing@ t≦8.3ms
I
2T
60
A
2S
Typical Thermal Resistance per leg
1
RθJC
2.2
°C/W
Typical Thermal Resistance per leg
2
RθJA
23
°C/W
Operating and Storage temperature range
TJ,TSTG
-55~150
°C
Notes:
1.
Unit case mounted on Al plate heatsink;
2.
Units mounted on PCB without heatsink;
3.
Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw.
JB
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
24.7
25.3
G
3.6
4.0
B
10.0
10.6
H
0.3
0.7
C
1.7 TYP.
J
17.7
18.7
D
5.5
5.9
K
3.0
3.4
E
7.3
7.7
L
0.9
1.1
F
2.8
3.2


Similar Part No. - S10JB80

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S10JB80 SECOS-S10JB80_15 Datasheet
248Kb / 2P
10.0 Amp Glass Passivited Bridge Rectifiers
More results

Similar Description - S10JB80

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBJ10005 SECOS-GBJ10005_11 Datasheet
952Kb / 2P
Voltage 50V ~ 1000V 10.0 Amp Glass Passivited Bridge Rectifiers
S2GBL20 SECOS-S2GBL20_15 Datasheet
197Kb / 2P
2.0 Amp Glass Passivited Bridge Rectifiers
S3KBP20 SECOS-S3KBP20_15 Datasheet
330Kb / 2P
3.0 Amp Glass Passivited Bridge Rectifiers
S6GBP20 SECOS-S6GBP20_15 Datasheet
213Kb / 2P
6.0 Amp Glass Passivited Bridge Rectifiers
S10JB80 SECOS-S10JB80_15 Datasheet
248Kb / 2P
10.0 Amp Glass Passivited Bridge Rectifiers
S10KBJ20 SECOS-S10KBJ20_15 Datasheet
265Kb / 2P
10.0 Amp Glass Passivited Bridge Rectifiers
S2KBP20-C SECOS-S2KBP20-C Datasheet
226Kb / 2P
2.0 Amp Glass Passivited Bridge Rectifiers
S4GBL20-C SECOS-S4GBL20-C Datasheet
189Kb / 2P
4.0 Amp Glass Passivited Bridge Rectifiers
S10KBJ20-C SECOS-S10KBJ20-C Datasheet
265Kb / 2P
10.0 Amp Glass Passivited Bridge Rectifiers
S2KBP20-C SECOS-S2KBP20-C_17 Datasheet
225Kb / 2P
2.0 Amp Glass Passivited Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com