Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-3000C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SI-3000C
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI-3000C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SI-3000C Datasheet HTML 1Page - List of Unclassifed Manufacturers SI-3000C Datasheet HTML 2Page - List of Unclassifed Manufacturers SI-3000C Datasheet HTML 3Page - List of Unclassifed Manufacturers SI-3000C Datasheet HTML 4Page - List of Unclassifed Manufacturers SI-3000C Datasheet HTML 5Page - List of Unclassifed Manufacturers SI-3000C Datasheet HTML 6Page - List of Unclassifed Manufacturers SI-3000C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
37
Parameter
Input Voltage
Output Voltage
Dropout Voltage
Line Regulation
Load Regulation
Temperature Coefficient
of Output Voltage
Ripple Rejection
Quiescent Circuit Current
Overcurrent Protection
Starting Current*4,6
Control Voltage (Output ON)
Control Voltage (Output OFF)
Control Current
(Output ON)
Control Current
(Output OFF)
IElectrical Characteristics
*1: "A" may be indicated to the right of the Sanken logo.
*2: VIN(max) and IO(max) are restricted by the relation PD(max)=(VIN-VO)•IO=18(W).
*3: Refer to the dropout voltage.(Refer to Setting DC Input Voltage on page 7.)
*4: IS1 is specified at –5(%) drop point of output voltage VO on the condition that VIN=VO+3V, IO=1A.
*5: Output is ON even when output control terminal VC is open. Each input level is equivalent to LS-TTL. Therefore, it may be directly driven by an
LS-TTL circuit.
*6: A foldback type overcurrent protection circuit is built into the IC regulator. Therefore, avoid using it for the following applications as it may cause
starting errors:
(1) Constant current load (2) Plus/minus power (3) Series power (4) VO adjustment by raising ground voltage
Unit
V
V
V
mV
mV
mV/
°C
dB
mA
A
V
µA
mA
Symbol
VIN
VO
Conditions
VDIF
Conditions
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
∆VO/∆Ta
Conditions
RREJ
Conditions
Iq
Conditions
IS1
Conditions
VC. IH
VC. IL
IC. IH
Conditions
IC. IL
Conditions
GSI-3000C Series
(Ta=25
°C unless otherwise specified)
VC
Terminal*5
SI-3000C *1
SI-3000CA
Ratings
SI-3120C
SI-3150C
SI-3240C
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
13*3
30*2
16*3
30*2
25*3
40*2
11.52
12.00
12.48
14.40
15.00
15.60
23.04
24.00
24.96
11.76
12.00
12.24
14.70
15.00
15.30
23.52
24.00
24.48
VIN=15V, IO=1.0A
VIN=18V, IO=1.0A
VIN=27V, IO=1.0A
0.5
0.5
0.5
IO
≤1.0A
1.0
1.0
1.0
IO
≤1.5A
24
64
30
90
48
128
VIN=13 to 25V, IO=1.0A
VIN=16 to 25V, IO=1.0A
VIN=25 to 38V, IO=1.0A
93
240
120
300
120
300
VIN=15V, IO=0 to 1.5A
VIN=18V, IO=0 to 1.5A
VIN=27V, IO=0 to 1.5A
±1.5
±1.5
±2.5
VIN=15V, IO=5mA, Tj=0 to 100
°CVIN=18V, IO=5mA, Tj=0 to 100°CVIN=27V, IO=5mA, Tj=0 to 100°C
54
54
54
VIN=15V, f=100 to 120HZ
VIN=18V, f=100 to 120HZ
VIN=27V, f=100 to 120HZ
510
5
10
5
10
VIN=15V, IO=0A
VIN=18V, IO=0A
VIN=27V, IO=0A
1.6
1.6
1.6
VIN=15V
VIN=18V
VIN=27V
2.0
2.0
2.0
0.8
0.8
0.8
20
20
20
VC=2.7V
–0.3
–0.3
–0.3
VC=0.4V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com