Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF9401 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF9401
Description  RF filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9401 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF9401 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9401 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9401 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9401 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9401 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9401 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-2. Electronic Characteristics
Characteristic
Min.
Typ.
Max.
Unit
Center Frequency
fC
866
MHz
Insertion Loss at Fc
IL
--
2.3
3.0
dB
Pass band Ripple
Δα
863.0 MHz …. 870.0 MHz
--
0.4
1.3
dB
Relative Attenuation (relative to IL)
αrel
10 …. 830.00 MHz
830.00 MHz …. 850.00 MHz
885.00 MHz …. 905.00 MHz
905.00 MHz …. 950.00 MHz
950.00 MHz …. 1500.00 MHz
1500.00 MHz …. 3000.00 MHz
45
22
27
45
40
25
49
35
35
49
47
28
--
--
--
dB
dB
dB
dB
dB
dB
Input / Output Impedance
50
Ω
VSWR(863.0 MHz …. 870.0 MHz)
1.5
2.0
5. Typical Frequency Response



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com