Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF9272 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF9272
Description  SAW BANDPASS FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9272 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF9272 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9272 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9272 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9272 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9272 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9272 Datasheet HTML 6Page - Advanced Crystal Technology ACTF9272 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
- 3 -
SAW Filter
Maximum Ratings
Rating
Value
Unit
15 dBm CW,Ta=85°C,life time>10 000 hurs
20dBm CW,Ta=85°C,pass band top frequency,
test 1000 hours continuously ,electrical
characters meet demand;
Input Power Level
P
23dBm CW,Ta=85°C,pass band top frequency,
test 2 hours continuously ,electrical characters
meet demand;
DC Voltage
VDC
12
V
ESD Voltage (HB)
VESD
150
V
Operating Temperature Range
TA
-40 ~ +85
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
Electrical Characteristics
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
-
2441.8
-
MHz
Maximum Insertion Loss in 2400 MHz–2483.5 MHz
IL
-
2.6
3.5
dB
Amplitude Variation in 2400 MHz–2483.5 MHz
Δα
-
1.0
2.0
dB
VSWR in 2400 MHz–2483.5 MHz
-
1.7:1
2.2:1
-
Group Delay Ripple in 2400 MHz–2483.5 MHz
6
15
ns
Absolute Attenuation
α
DC … 1700MHz
22
25
-
dB
1700MHz … 2200 MHz
25
27
-
dB
2200MHz … 2350 MHz
23
27
-
dB
2350MHz … 2370 MHz
15
25
-
dB
2520 MHz …2700 MHz
25
33
-
dB
2700 MHz …3100 MHz
30
36
-
dB
3100MHz …4000MHz
30
35
-
dB
4000 MHz …5000 MHz
25
35
-
dB
5000 MHz …6000 MHz
25
40
-
dB
Source Impedance (single ended)
-
50
-
Ω
RoHS Compliant
Electrostatic Sensitive Device



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com