Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF9228 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF9228
Description  Low-loss RF filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9228 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF9228 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9228 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9228 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9228 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9228 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9228 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (@25
oC)
Parameter
Unit
Minimum
Typical
Maximum
Center frequency
MHz
1120
Insertion Loss
dB
5.0
5.5
3 dB Bandwidth
MHz
8
9.5
40 dB Bandwidth
MHz
19
20.5
Relative
Attenuation
Fo-9MHz
dB
37
40
Fo+12MHz
dB
40
43
SWR (Fo±3MHz)
1.5
1.8
Input/Output Impedance
ohm
50
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com