Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF9194 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF9194
Description  Low-loss RF filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9194 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF9194 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9194 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9194 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9194 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9194 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9194 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Iss 1 C1u
Date 21-7-2011
Maximum Ratings
Rating
Value
Unit
Input Power Level
P
10
dBm
DC Voltage
VDC
12
V
Operating Temperature Range
TA
-40 ~ +85
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
Electrical Characteristics
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
1950
MHz
Insertion Loss
IL
1920.00 …. 1980.00 MHz
--
1.8 **
2.5 *(
dB
Group Delay Ripple
1920.00 …. 1980.00 MHz
10 **
40
ns
Absolute Attenuation
α
DC …. 1400.00 MHz
22
25
dB
1400.00 …. 1495.00 MHz
25
27
dB
1495.00 …. 1700.00 MHz
25
27
dB
1700.00 …. 1870.00 MHz
28
30
dB
1870.00 …. 1880.00 MHz
23 *(
31
dB
2000.00 …. 2015.00 MHz
4.0 *)
9.0
dB
2015.00 …. 2030.00 MHz
22
45
dB
2030.00 …. 2050.00 MHz
35
45
dB
2050.00 …. 2080.00 MHz
33
36
dB
2080.00 …. 2170.00 MHz
28
30
dB
2170.00 …. 3000.00 MHz
25
30
dB
Amplitude Ripple (p-p) 1920.00 …. 1980.00 MHz
Δα
0.6 **
1.2
dB
Intput VSWR
1920.00 …. 1980.00 MHz
1.5:1
2.0:1
Output VSWR
1920.00 …. 1980.00 MHz
1.5:1
2.0:1
Input / Output Impedance (Nominal)
50
Ω
RoHS Compliant
*)
:
-40℃
** : +25℃
*( : +85℃
Electrostatic Sensitive Device



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com