Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF9191 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF9191
Description  Low-loss RF filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9191 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF9191 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9191 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9191 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9191 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9191 Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Maximum Ratings
Rating
Value
Unit
13.5 dBm CW,Ta=85°C,life time>10 years
20dBm CW,Ta=85°C,pass band top frequency,test 1000
hours continuously ,electrical characters meet demand;
Input Power Level
P
23dBm CW,Ta=85°C,pass band top frequency,test 2 hours
continuously ,electrical characters meet demand;
DC Voltage
VDC
0
V
Operating Temperature Range
TA
-40 ~ +85
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
Electrical Characteristics
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
1880
MHz
Insertion Loss
IL
1850.00 …. 1910.00 MHz
--
2.0**
3.0 *(
dB
Group Delay Ripple
1850.00 …. 1910.00 MHz
15
40
ns
Absolute Attenuation
α
DC …. 1570.00 MHz
20
25
dB
1570.00 …. 1720.00 MHz
25
27
dB
1720.00 …. 1802.00 MHz
22
26
dB
1802.00 …. 1830.00 MHz
2
3
dB
1930.00 …. 1940.00 MHz
8*)
17**
dB
1940.00 …. 2000.00 MHz
26
30
dB
2000.00 …. 3700.00 MHz
25
30
dB
3700.00 …. 5000.00 MHz
20
26
dB
Amplitude Ripple (p-p) 1850.00 …. 1910.00 MHz
Δα
1.0 **
2.0 *(
dB
Intput VSWR
1850.00 …. 1910.00 MHz
1.7:1**
2.0:1 *(
Output VSWR
1850.00 …. 1910.00 MHz
1.7:1**
2.0:1 *(
Input / Output Impedance (Nominal)
50
RoHS Compliant
Electrostatic Sensitive Device
*)
: -40℃
** : +25
*( : +85
- 2 -



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com