Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF9182 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF9182
Description  Low-loss RF filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9182 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF9182 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9182 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9182 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9182 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9182 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9182 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
- 2 -
Electrical Characteristics
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
1643.5
MHz
Insertion Loss
IL
1624.50
…. 1662.50 MHz
--
2.8
3.5
dB
Group Delay Ripple
1624.50
…. 1662.50 MHz
20
50
ns
Absolute Attenuation
α
DC
…. 800.00 MHz
35
39
dB
800.00
…. 900.00 MHz
35
40
dB
1559.5 MHz
40
50
dB
1727.5 MHz
40
50
dB
1800.00
…. 1900.00 MHz
40
46
dB
Amplitude Ripple (p-p) 1624.50
…. 1662.50 MHz
Δα
1.0
1.5
dB
VSWR IN/OUT
1624.50
…. 1662.50 MHz
2.0:1
2.2:1
dB
Input / Output Impedance (Nominal)
50
Ω
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com