Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF9181 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF9181
Description  RF Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9181 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF9181 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9181 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9181 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9181 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9181 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9181 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
- 2 -
Electrical Characteristics
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
1542
MHz
Insertion Loss
IL
1523.00
…. 1561.00 MHz
--
3.0
3.5
dB
Group Delay Ripple
1523.00
…. 1561.00 MHz
10
40
ns
Absolute Attenuation
α
DC
…. 800.00 MHz
50
65
dB
800.00
…. 900.00 MHz
50
65
dB
900.00
…. 1242.00 MHz
50
55
dB
1626.5 MHz
30
50
dB
1842.00
…. 1900.00 MHz
45
48
dB
1900.00
…. 2500.00 MHz
40
45
dB
Amplitude Ripple (p-p) 1523.00
…. 1561.00 MHz
Δα
0.8
1.3
dB
VSWR IN/OUT
1523.00
…. 1561.00 MHz
1.8:1
2.1:1
dB
Input / Output Impedance (Nominal)
50
Ω
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com