Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF9045 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF9045
Description  RF Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9045 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF9045 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9045 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5. Performance
5-1. Maximum Ratings
Rating
Value
Unit
Input Power Level
P
10
dBm
DC Voltage
VDC
5
V
Operable Temperature Range
TA
-20 to +75
Storage Temperature Range
Tstg
-40 to +85
5-2. Electronic Characteristics
Characteristic
Minimum
Typical
Maximum
Unit
Center Frequency
fC
--
1855.0
--
MHz
Insertion Loss
IL
1840 …. 1870 MHz
--
3.0
4.5
dB
VSWR
1840 …. 1870 MHz
--
1.4
2.0
Absolute Attenuation
±
1440 …. 1470 MHz
1750 …. 1780 MHz
1930 …. 1960 MHz
2240 …. 2270 MHz
20
28
25
27
27
40
35
37
--
--
--
--
dB
dB
dB
dB
Amplitude Ripple (p-p)
”±
1840 …. 1870 MHz
--
0.8
1.5
dB
Input / Output Impedance (Nominal)
50
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
A
C
E
A
ACT 2003. All Rights Reserved.
NOTE:
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50© test system with VSWRd1.2:1.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The specifications of this device are based on the test circuit shown above and subject to change or obsolescence
without notice.
5.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
6.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.
.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com