Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9316B-4 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP9316B-4
Description  16-Bit CMOS Multiplying DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9316B-4 Datasheet(HTML) 2 Page - Sipex Corporation

  SP9316B-4 Datasheet HTML 1Page - Sipex Corporation SP9316B-4 Datasheet HTML 2Page - Sipex Corporation SP9316B-4 Datasheet HTML 3Page - Sipex Corporation SP9316B-4 Datasheet HTML 4Page - Sipex Corporation SP9316B-4 Datasheet HTML 5Page - Sipex Corporation SP9316B-4 Datasheet HTML 6Page - Sipex Corporation SP9316B-4 Datasheet HTML 7Page - Sipex Corporation SP9316B-4 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
182
ABSOLUTE MAXIMUM RATINGS
(T
A=25°C unless otherwise noted)
These are stress ratings only and functional operation of the device
at these or any other above those indicated in the operation
sections of the specifications below is not implied. Exposure to
absolute maximum rating conditions for extended periods of time
may affect reliability.
V
DD to GND ................................................................. -–0.3V, +17V
Digital Input Voltage to GND ............................... -–0.3V ,V
DD +0.3V
SPECIFICATIONS
(T
A=25°C; VDD =+15V, VREF = +10V; IO1 = AGND = GND = 0V; unipolar unless otherwise noted.)
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
STATIC PERFORMANCE
Resolution
16
Bits
Integral Non-Linearity
Note 5
C-4
±0.006
%FSR
B-4
±0.006
%FSR
Differential Non-Linearity
Note 7
C-4
±0.006
%FSR
B-4
±0.006
%FSR
Offset Error
60
µV
Note 3
Gain Error
0.1
0.2
%FSR
Note 4
AC PERFORMANCE CHARACTERISTICS
Propagation Delay
300
ns
Note 9
Current Settling Time
Major code settling times
To 0.01% FSR (strobed)
2.0
µs
To 0.00076% FSR (strobed)
3.0
µs
Output Capacitance
C
O1
170
pF
Digital input V
IH
C
O2
30
pF
Digital input V
IH
C
O3
80
pF
Digital input V
IL
C
O4
100
pF
Digital input V
IL
Glitch Energy
250
nV-s
Note 10
Multiplying Feedthrough Error
3.0
mV
P-P
Note 11
0.3
mV
P-P
Note 12
STABILITY
All Grades:
Note 4
Gain Error TC
±1.0
±4.0
ppm/
°C
Note 6
Offset
±1.0
ppm/
°C
Integral Non-Linearity TC
±0.1
±1.0
ppm/
°C
±1.0
ppm/
°C
Note 5
Monotonicity Guaranteed
C-4
14
Bits
B-4
14
Bits
Power Supply Rejection
±0.0001 ±0.002
%/%
V
DD = 14.0V to 16.0V
LONG-TERM STABILITY
Differential Non-linearity
1
ppm/
°C
Offset
±0.5
ppm/
°C
Gain
±1
ppm/
°C
REFERENCE INPUT
Input Impedance
2.5
5.0
7.5
K
Ω
Voltage Range
–10
+10
Volts
SWITCHING CHARACTERISTICS
Strobe Width
80
60
ns
Data Setup Time
80
70
ns
Data Hold Time
40
20
ns
V
REF or VRFB to GND ................................................................ ±25V
Output Voltage (Pin 15, Pin 16) ........................... –0.3V, V
DD +0.3V
Power Dissipation (Any Package) to +75
°C ........................ 450mW
Derates above 75
°C by ...................................................... 6mW/°C
Dice Junction Temperature ................................................. +150
°C
Storage Temperature .......................................... -–65
°C to +150°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com