Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF5080 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF5080
Description  SAW BANDPASS FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF5080 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF5080 Datasheet HTML 1Page - Advanced Crystal Technology ACTF5080 Datasheet HTML 2Page - Advanced Crystal Technology ACTF5080 Datasheet HTML 3Page - Advanced Crystal Technology ACTF5080 Datasheet HTML 4Page - Advanced Crystal Technology ACTF5080 Datasheet HTML 5Page - Advanced Crystal Technology ACTF5080 Datasheet HTML 6Page - Advanced Crystal Technology ACTF5080 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
751.5
MHz
Insertion Loss
IL
746 …. 757 MHz
--
2.5
3.0
dB
Group Delay Ripple
746 …. 757 MHz
20
50
ns
Absolute Attenuation
α
DC …. 650.0 MHz
35
50
dB
700.0 …. 728.0 MHz
40
45
dB
766.5 MHz
15
30
dB
776.0 …. 787.0 MHz
45
51
dB
800.0 …. 1000.0 MHz
40
45
dB
1000.0 ….2000.0 MHz
30
35
dB
Amplitude Ripple (p-p) 746 …. 757 MHz
Δα
0.6
1.2
dB
Intput
VSWR
746 …. 757 MHz
1.5
2.0
Output
VSWR
746 …. 757 MHz
1.5
2.0
Input / Output Impedance (Nominal)
50
Ω
RoHS Compliant*):
Electrostatic Sensitive Device
Typical Frequency Response
- 3 -



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com