Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF4201 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF4201
Description  RF filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4201 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF4201 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4201 Datasheet HTML 2Page - Advanced Crystal Technology ACTF4201 Datasheet HTML 3Page - Advanced Crystal Technology ACTF4201 Datasheet HTML 4Page - Advanced Crystal Technology ACTF4201 Datasheet HTML 5Page - Advanced Crystal Technology ACTF4201 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email:info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
- 2 -
Electrical Characteristics
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
415
MHz
Insertion Loss
IL
400.00 …. 430.00 MHz
--
2.2
3.0
dB
Group Delay Ripple
400.00 …. 430.00 MHz
20
40
ns
Absolute Attenuation
α
10.0 …. 345.00 MHz
25
29
dB
345.00 …. 390.00 MHz
9
13
dB
440.00 …. 470.00 MHz
4
7.5
dB
470.00 ….480.00 MHz
25
30
dB
480.00 ….561.00 MHz
27
34
dB
561.00 ….593.00 MHz
28
31
dB
593.00 ….950.00 MHz
21
23
dB
950.00 ….2000.00 MHz
13
16
dB
2000.00 …2500.00 MHz
5
8
dB
Amplitude Ripple (p-p) 400.00 …. 430.00 MHz
∆α
0.8
1.5
dB
Intput
VSWR
400.00 …. 430.00 MHz
1.7
:1
2.1
:1
Output
VSWR
400.00 …. 430.00 MHz
1.7
:1
2.0
:1
Input / Output Impedance (Nominal)
50
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com